Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-3150 Arkusz danych(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-3150
Szczegółowy opis  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3150 Arkusz danych(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3150 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Switching Specifications (AC)
Overrecommendedoperatingconditions(T
A=- 40to100°C,IF(ON)=7to16mA,VF(OFF)=-3.6to0.8V,VCC=15to30V,
V
EE=Ground,eachchannel)unlessotherwisespecified.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
PropagationDelay
t
PLH
0.10
0.30
0.50
µs
Rg=47Ω,
10,11,
14
TimetoHigh
Cg=3nF,
12,13,
OutputLevel
f=10kHz,
14,23
DutyCycle=50%
PropagationDelay
t
PHL
0.10
0.3
0.50
µs
TimetoLow
OutputLevel
PulseWidth
PWD
0.3
µs
15
Distortion
PropagationDelay
PDD
-0.35
0.35
µs
34,36
10
DifferenceBetween
(t
PHL-tPLH)
AnyTwoParts
orChannels
RiseTime
t
r
0.1
µs
23
FallTime
t
f
0.1
µs
UVLOTurnOn
t
UVLOON
0.8
µs
V
O>5V,
22
Delay
I
F=10mA
UVLOTurnOff
t
UVLOOFF
0.6
µs
V
O<5V,
Delay
I
F=10mA
OutputHighLevel
|CM
H|
15
30
kV/µs
T
A=25°C,
24
11,12
CommonMode
I
F=10to16mA,
Transient
V
CM=1500V,
Immunity
V
CC=30V
OutputLowLevel
|CM
L|
15
30
kV/µs
T
A=25°C,
11,13
CommonMode
V
CM=1500V,
Transient
V
F=0V,
Immunity
V
CC=30V


Podobny numer części - HCPL-3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3150 BOARDCOM-HCPL-3150 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

Podobny opis - HCPL-3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com