Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-314J Arkusz danych(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-314J
Szczegółowy opis  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-314J Arkusz danych(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-314J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Package Characteristics
Foreachchannelunlessotherwisespecified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Input-OutputMomentary
VISO
3750
Vrms
TA=25°C,
8,9
WithstandVoltage
RH<50%
Output-OutputMomentary
VO-O
1500
Vrms
for1min.
16
WithstandVoltage
Input-OutputResistance
RI-O
1012
VI-O=500V
9
Input-OutputCapacitance
CI-O
1.2
pF
Freq=1MHz
Notes:
1. Deratelinearlyabove70°Cfreeairtemperatureatarateof0.3mA/°C.
2. Maximumpulsewidth=10µs,maximumdutycycle=0.2%.ThisvalueisintendedtoallowforcomponenttolerancesfordesignswithIO
peakminimum=0.4A.SeeApplicationsectionforadditionaldetailsonlimitingIOLpeak.
3. Deratelinearlyabove85°C,freeairtemperatureattherateof4.0mW/°C.
4. Inputpowerdissipationdoesnotrequirederating.
5. Maximumpulsewidth=50µs,maximumdutycycle=0.5%.
6. Inthistest,VOHismeasuredwithaDCloadcurrent.WhendrivingcapacitiveloadVOHwillapproachVCCasIOHapproacheszeroamps.
7. Maximumpulsewidth=1ms,maximumdutycycle=20%.
8. InaccordancewithUL1577,eachHCPL-314Joptocouplerisprooftestedbyapplyinganinsulationtestvoltage≥5000Vrmsfor1second
(leakagedetectioncurrentlimitII-O≤5µA).Thistestisperformedbefore100%productiontestforpartialdischarge(methodB)showninthe
IEC/EN/DINEN60747-5-2InsulationCharacteristicsTable,ifapplicable.
9. Deviceconsideredatwo-terminaldevice:pinsoninputsideshortedtogetherandpinsonoutputsideshortedtogether.
10. PDDisthedifferencebetweentPHLandtPLHbetweenanytwopartsorchannelsunderthesametestconditions.
11. Pins3and4(HCPL-314J)needtobeconnectedtoLEDcommon.
12. Commonmodetransientimmunityinthehighstateisthemaximumtolerable|dVcm/dt|ofthecommonmodepulseVCMtoassurethatthe
outputwillremaininthehighstate(i.e.Vo>6.0V).
13. Commonmodetransientimmunityinalowstateisthemaximumtolerable|dVCM/dt|ofthecommonmodepulse,VCM,toassurethatthe
outputwillremaininalowstate(i.e.Vo<1.0V).
14. Thisloadconditionapproximatesthegateloadofa1200V/25AIGBT.
15. Foreachchannel.ThepowersupplycurrentincreaseswhenoperatingfrequencyandQgofthedrivenIGBTincreases.
16. Deviceconsideredatwoterminaldevice:Channeloneoutputsidepinsshortedtogether,andchanneltwooutputsidepinsshortedtogeth-
er.


Podobny numer części - HCPL-314J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
310Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-000E AVAGO-HCPL-314J-000E Datasheet
405Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J-300 HP-HCPL-314J-300 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Podobny opis - HCPL-314J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com