Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2931-5.0 Arkusz danych(PDF) 5 Page - Wing Shing Computer Components

Numer części LM2931-5.0
Szczegółowy opis  Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINGS [Wing Shing Computer Components]
Strona internetowa  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM2931-5.0 Arkusz danych(HTML) 5 Page - Wing Shing Computer Components

  LM2931-5.0 Datasheet HTML 1Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 2Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 3Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 4Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 5Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 6Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-6
"


 

*+, '-',.',',/(0

++(,













())%%'















































'













*#
+,














































!) 













*#
+-














































*+, ++,











1Required if regulator is located far from
1Required if regulatoris located far from
power supply filter.
R1+R2
**C must be at least 22"F to maintain
 V =Reference Voltage
stability. May
be
increased
without
 R1
bound to maintain regulation during
transients. Locate as close as possible to
the regulator.This capacitor must be rated
temperature range as the regulator. The
equivalent
series
over
the same
operating should resistance(ESR) of this
capacitor
be less than 1
 over the
td
ti
t
t
"
Note:Using
28K
for
R1
will
automatically compensate for errors in
V due to the input bias current of the
ADJ pin(approximately 1
"A)
"
"
 !" ) 2
LM2931-5.0
LM


Podobny numer części - LM2931-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2931-N TI1-LM2931-N Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
LM2931-N TI1-LM2931-N Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
LM2931-N TI-LM2931-N_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
More results

Podobny opis - LM2931-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com