Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-ED80-XX000 Arkusz danych(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-ED80-XX000
Szczegółowy opis  Optical Mouse Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-ED80-XX000 Arkusz danych(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-ED80-XX000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
Figure 2. Package outline drawing
PROTECTIVE KAPTON TAPE
CLEAR OPTICAL PATH
GATE LOCATION
SURFACE RECESSED
BY 0.3 mm
GROOVE
3.18
(0.125)
0.50 CHAMFER
*
2.98
(0.117)
*
0.01
(0.000)
9.10
(0.358)
13.57
± 0.45
(0.534
± 0.018)
SECTION A-A
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. DIMENSIONAL TOLERANCE:
± 0.1 mm.
3. COPLANARITY OF LEADS: 0.1 mm.
4. LEAD PITCH TOLERANCE:
± 0.15 mm.
5. CUMULATIVE PITCH TOLERANCE:
± 0.15 mm.
6. ANGULAR TOLERANCE:
± 3.0 DEGREES.
7. MAXIMUM FLASH + 0.2 mm.
8. CHAMFER (25 DEGREES x 2) ON THE TAPER SIDE OF THE LEAD.
9. * THESE DIMENSIONS ARE FOR REFERENCES ONLY AND SHOULD NOT BE USED TO MECHANICALLY REFERENCE THE SENSOR.
0.99
(0.039)
*
6.18
(0.243)
5
° ± 3°
(AT LEAD TIP)
12.85
(0.506)
(AT SHOULDER)
0.25
(0.010)
PIN 1
22.30
(0.878)
2.54
(0.100)
1.26
(0.050)
0.50
(0.020)
0.25
(0.010)
LEAD WIDTH
(MEASURED AT BASE)
50
° ± 0.5°
LEAD OFFSET
LEAD PITCH
13.38
(0.527)
6.03
(0.237)
A
A
4.55
(0.179)
7.28
± 0.03
(0.287
± 0.001)
5.00
PIN 1
0.80
± 0.03
1.43
± 0.03
(0.056
± 0.001)
5.60
± 0.03
(0.220
± 0.001)
1.85
± 0.03
(0.073
± 0.001)
*
0.06
(0.002)
*1.5° DRAFT
*
2.80
(0.110)
5.16
(0.203)


Podobny numer części - HLMP-ED80-XX000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED80-XX000 AVAGO-HLMP-ED80-XX000 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
106Kb / 1P
   Optical Mouse Sensor
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
107Kb / 1P
   Optical Mouse Sensor
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
More results

Podobny opis - HLMP-ED80-XX000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com