Zakładka z wyszukiwarką danych komponentów |
|
TC1N975B Arkusz danych(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TC1N975B Arkusz danych(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
1 / 3 page November 2006/ B Page 1 SEMICONDUCTOR TAK CHEONG ® 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators Absolute Maximum Ratings TA = 25°C unless otherwise noted Parameter Value Units Power Dissipation 500 mW Storage Temperature Range -65 to +200 °C Operating Junction Temperature +200 °C These ratings are limiting values above which the serviceability of the diode may be impaired. Specification Features: Zener Voltage Range 6.8 to 56 Volts DO-35 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish Cathode Indicated By Polarity Band Electrical Characteristics TA = 25°C unless otherwise noted Device Type VZ @ IZT (Volts) Nominal IZT (mA) ZZT @ IZT ( Ω) Max ZZK @ IZK = 0.25mA ( Ω) Max IR @ VR ( µA) Max VR (Volts) TC1N957B 6.8 18.5 4.5 700 150 5.2 TC1N958B 7.5 16.5 5.5 700 75 5.7 TC1N959B 8.2 15 6.5 700 50 6.2 TC1N960B 9.1 14 7.5 700 25 6.9 TC1N961B 10 12.5 8.5 700 10 7.6 TC1N962B 11 11.5 9.5 700 5 8.4 TC1N963B 12 10.5 11.5 700 5 9.1 TC1N964B 13 9.5 13 700 5 9.9 TC1N965B 15 8.5 16 700 5 11.4 TC1N966B 16 7.8 17 700 5 12.2 TC1N967B 18 7 21 750 5 13.7 TC1N968B 20 6.2 25 750 5 15.2 TC1N969B 22 5.6 29 750 5 16.7 TC1N970B 24 5.2 33 750 5 18.2 TC1N971B 27 4.6 41 750 5 20.6 TC1N972B 30 4.2 49 1000 5 22.8 TC1N973B 33 3.8 58 1000 5 25.1 TC1N974B 36 3.4 70 1000 5 27.4 TC1N975B 39 3.2 80 1000 5 29.7 TC1N976B 43 3 93 1500 5 32.7 Cathode Anode ELECTRICAL SYMBOL L 9x xT DEVICE MARKING DIAGRAM L : Logo Device Code : TC1N9xxT Tolerance (T) : A = 10% : B = 5% : C = 2% : D = 1% AXIAL LEAD DO35 |
Podobny numer części - TC1N975B |
|
Podobny opis - TC1N975B |