Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LK10UL Arkusz danych(PDF) 4 Page - Altech corporation

Numer części LK10UL
Szczegółowy opis  Extended/Direct Handle Motor Disconnect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALTECH [Altech corporation]
Strona internetowa  http://www.altechcorp.com
Logo ALTECH - Altech corporation

LK10UL Arkusz danych(HTML) 4 Page - Altech corporation

  LK10UL Datasheet HTML 1Page - Altech corporation LK10UL Datasheet HTML 2Page - Altech corporation LK10UL Datasheet HTML 3Page - Altech corporation LK10UL Datasheet HTML 4Page - Altech corporation LK10UL Datasheet HTML 5Page - Altech corporation LK10UL Datasheet HTML 6Page - Altech corporation LK10UL Datasheet HTML 7Page - Altech corporation LK10UL Datasheet HTML 8Page - Altech corporation LK10UL Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LK10 UL
LK10 Y/R UL
LK11 U
LK11 Y/R U
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Extended Handle Accessories
Cat. No.
LK10 UL
LK10 Y/R UL
LK11 U
LK11 Y/R U
Environmental Rating
NEMA Type 4X, IP66
NEMA Type 4X, IP66
NEMA Type 4X, IP67
NEMA Type 4X, IP67
Color
Black
Yellow/Red
Black
Yellow/Red
DOOR INTERLOCK HANDLES
Cat. No.
KU1.V
KU2.V
VKA1.V
VKA2.V
Electrical Rating
10A/1/2HP/125-250V AC
10A/1/2HP/125-250V AC
10A/1/2HP/125-250V AC
10A/1/2HP/125-250V AC
No. of contacts
1n.o./1n.c.
2n.o./2n.c.
1n.o./1n.c.
2n.o./2n.c.
For Use With
KU models
KU models
VKA models
VKA models
AUXILIARY SWITCHES
Cat. No.
KV 10x38
KV 10x38 CC
Electrical Rating
30A/600V AC
30A/600V AC
Fuse Type
10x38, Midget
Class CC
For Use With
KU340N
KU340N
FUSE HOLDER
Cat. No.
L100AD11-ST
L200AD11-ST
L300AD11-ST
Length (L)
100mm
200mm
300mm
Material
Steel
Steel
Steel
58 mm
56 mm
59 mm
32 mm
LK10 (Y/R) UL:
• Single hole mounting
(22.5mm)
• Defeatable (built-in
mechanism)
LK11 (Y/R) U:
• Retention mechanism (only
rotates 90° from off to on,
keeps handle in off position
while cabinet door is open)
• Defeatable (looses NEMA
rating)
The steel shaft ensures
reliable operation even
in the toughest
conditions.
The auxiliary switches
are the snap-on type
and can be retrofitted.
This fuseholder can be
retrofitted with the
KU340N. Therefore
design changes can be
incorporated with ease
to allow a fusible
disconnect.
Shown with extended
handle switch.
Dimensions (to convert to inches multiply by 0.03937)
6
63 mm
28.2 mm
Ø22.5 mm
Ø4 mm
ø22 mm
Panel Drilling:
3 mm
Drill
Template
Included
DOOR INTERLOCK SHAFT
LK10
LK11


Podobny numer części - LK10UL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
logo
Taiyo Yuden (U.S.A.), I...
LK10051R0-T TAIYO-YUDEN-LK10051R0-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LK10051R0K-T TAIYO-YUDEN-LK10051R0K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LK10051R0K-T TAIYO-YUDEN-LK10051R0K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK10051R0K-T8 TAIYO-YUDEN-LK10051R0K-T8 Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LK series)
More results

Podobny opis - LK10UL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Altech corporation
KU440N ALTECH-KU440N Datasheet
1Mb / 12P
   Extended/Direct Handle Motor Disconnect Switch
logo
Schneider Electric
GV2AP01 SCHNEIDER-GV2AP01 Datasheet
98Kb / 2P
   Extended rotary handle kit
logo
Honeywell Solid State E...
77053 HONEYWELL-77053 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
79707 HONEYWELL-79707 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Schneider Electric
VLSH2S5R SCHNEIDER-VLSH2S5R Datasheet
179Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
VLSH2H5B SCHNEIDER-VLSH2H5B_V01 Datasheet
148Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, black handle, 5mm shaft
Jun 27, 2022
9421LH79 SCHNEIDER-9421LH79 Datasheet
114Kb / 2P
   Circuit Breaker Mechanism, rotary handle, direct operating handle
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
   CB DIRECT MOUNTED ROTARY HANDLE
VLSH1S5R SCHNEIDER-VLSH1S5R Datasheet
191Kb / 2P
   Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com