Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC07VUA Arkusz danych(PDF) 2 Page - TelCom Semiconductor, Inc

Numer części TC07VUA
Szczegółowy opis  3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELCOM [TelCom Semiconductor, Inc]
Strona internetowa  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC07VUA Arkusz danych(HTML) 2 Page - TelCom Semiconductor, Inc

  TC07VUA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC07VUA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC07VUA Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2-12
TELCOM SEMICONDUCTOR, INC.
* Stresses above those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions above
those indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage .............................................................. 7V
Input Voltage Any Input ...... (GND – 0.3V) to (VDD + 0.3V)
Operating Temperature ......................... – 40
°C to +125°C
Maximum Chip Temperature ................................. +150
°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
DETAILED DESCRIPTION
The TC07 programs with resistors connected from the
TSET and HSET inputs to VDD. Output pins OUT and OUT are
driven active when temperature exceeds the setting deter-
mined by the programming resistor on TSET. The outputs are
maintained (latched) in their active states until temperature
drops below the setting determined by the programming
resistor on HSET (Figure 1).
Figure 1. TC07 Output Waveforms
TEMPERATURE
OUT
TEMPERATURE SET BY
RESISTOR ON TSET
HYSTERESIS SET BY
RESISTOR ON HSET
OUT
APPLICATIONS
Trip Point Programming
The resistor values required to achieve the desired
trip-point temperatures on TSET and HSET are calculated
using the formula below:
RTRIP = 0.6 x T 2.13
Where:
RTRIP
= Programming resistor value in Ohms
T
= Desired trip point temperature in degrees
Kelvin.
For example, to program the TC07 outputs to go active
at 50
°C and inactive at 30°C, the TSET and HSET program-
ming resistors are calculated as follows:
TSET = 0.6 x ((50 + 273.15)2.13) = 132.8kΩ
HSET = 0.6 x ((30 + 273.15)2.13) = 115.9kΩ
Resistance values for TSET and HSET can be approxi-
mated using Figure 2. Care must be taken to ensure the
HSET programming resistor is a smaller value than the TSET
programming resistor. The temperature programmed on
HSET must be at least 5°C lower than the temperature value
programmed by TSET. That is: HSET ≤ TSET – 5°C.
ELECTRICAL CHARACTERISTICS: TA = Over Operational Temperature Range, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage Range
2.7
5.5
V
IDD
Supply Current
2.7V < VCC < 5.5V
130
300
µA
VOH
Output Voltage (High)
IOUT = 500µA
0.8 x VDD
——
V
VOL
Output Voltage (Low)
IOUT = 1mA
0.25 x VDD
V
H
Minimum Hysteresis
HSET < TSET
– 5
°C
TSET
Absolute Accuracy
T = Programmed Temperature
T – 3
T
± 1
T + 3
°C
HSET
Absolute Accuracy
T = Programmed Temperature
T – 5
T
± 1
T + 5
°C
TC07
3V LOGIC OUTPUT TEMPERATURE
SENSOR WITH PROGRAMMABLE
HYSTERESIS


Podobny numer części - TC07VUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC07VUA MICROCHIP-TC07VUA Datasheet
250Kb / 12P
   3V Logic Output Temperature Sensor with Programmable Hysteresis
2005
More results

Podobny opis - TC07VUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC07 MICROCHIP-TC07 Datasheet
250Kb / 12P
   3V Logic Output Temperature Sensor with Programmable Hysteresis
2005
logo
Vishay Siliconix
SIP32451 VISHAY-SIP32451 Datasheet
201Kb / 12P
   Low logic control with hysteresis
Rev. D, 8-Oct-12
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Analog Devices
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
logo
Allegro MicroSystems
A1454 ALLEGRO-A1454 Datasheet
434Kb / 15P
   3V Hall Effect Linear Sensor with I2C Output
logo
Analog Devices
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
   Dual 0.275% Comparators and Reference with Programmable Hysteresis
REV. 0
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
   Dual Comparators with 400mV Reference and programmable Hysteresis
Rev. PrD
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com