Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC05BCOA Arkusz danych(PDF) 2 Page - TelCom Semiconductor, Inc

Numer części TC05BCOA
Szczegółowy opis  LOW POWER, BANDGAP VOLTAGE REFERENCES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELCOM [TelCom Semiconductor, Inc]
Strona internetowa  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC05BCOA Arkusz danych(HTML) 2 Page - TelCom Semiconductor, Inc

  TC05BCOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC05BCOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC05BCOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC05BCOA Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3-6
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS*
Forward Current .................................................... +10mA
Reverse Current .................................................... +30mA
Storage Temperature Range ................ – 65
°C to +150°C
Operating Temperature Range
TO-92 Package ..................................... 0
°C to +70°C
Surface Mount Package ........................ 0
°C to +70°C
Lead Temperature (Soldering, 10 sec)
TO-92 Package .............................................. +300
°C
Surface Mount Package ................................. +300
°C
Power Dissipation ............................. Limited by Forward/
Reverse Current
*Functional operation above the absolute maximum stress ratings is not
implied.
ELECTRICAL CHARACTERISTICS: TA = +25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VBR
Reverse Breakdown Voltage:
IR = 100µA
TC04
1.24
1.26
1.28
V
TC05
2.45
2.50
2.60
DVBR
Reverse Breakdown Voltage Change:
TC04
15
µA < IR < 20mA
10
20
mV
20
µA < IR < 1mA
0.25
1
TC05
20
µA < IR < 20mA
10
20
25
µA < IR < 1mA
0.25
1
TC
Temperature Coefficient:
IR = 100µA
TC04A/TC05A
0.003
0.005
%/
°C
TC04B/TC05B
0.003
0.01
IR
Reverse Current:
TC04
0.015
20
mA
TC05
0.020
20
LOW POWER, BANDGAP
VOLTAGE REFERENCES
TC04A
TC04B
TC05A
TC05B


Podobny numer części - TC05BCOA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PREMO CORPORATION S.L
TC0502 PREMO-TC0502 Datasheet
180Kb / 1P
   SMD Telecoil 5.1x2.3x.2.4mm
TC0502-04000J PREMO-TC0502-04000J Datasheet
180Kb / 1P
   SMD Telecoil 5.1x2.3x.2.4mm
TC0502-04000J PREMO-TC0502-04000J Datasheet
68Kb / 1P
   SMD Telecoil 5.1x2.3x2.6 mm
TC0502-14000J PREMO-TC0502-14000J Datasheet
180Kb / 1P
   SMD Telecoil 5.1x2.3x.2.4mm
TC0502-14000J PREMO-TC0502-14000J Datasheet
68Kb / 1P
   SMD Telecoil 5.1x2.3x2.6 mm
More results

Podobny opis - TC05BCOA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com