Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC2539 Arkusz danych(PDF) 3 Page - Mitsubishi Electric Semiconductor

Numer części 2SC2539
Szczegółowy opis  NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

2SC2539 Arkusz danych(HTML) 3 Page - Mitsubishi Electric Semiconductor

  2SC2539 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor 2SC2539 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor 2SC2539 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Podobny numer części - 2SC2539

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SC2531 TOSHIBA-2SC2531 Datasheet
141Kb / 2P
   2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS. (28V SUPPLY VOLTAGE USE)
2SC2532 TOSHIBA-2SC2532 Datasheet
132Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
2SC2532 TOSHIBA-2SC2532 Datasheet
78Kb / 3P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
2SC2532 TOSHIBA-2SC2532_03 Datasheet
78Kb / 3P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
logo
Savantic, Inc.
2SC2534 SAVANTIC-2SC2534 Datasheet
151Kb / 4P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SC2539

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
2SC3379 MITSUBISHI-2SC3379 Datasheet
150Kb / 3P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3020 MITSUBISHI-2SC3020 Datasheet
128Kb / 3P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC2166 MITSUBISHI-2SC2166 Datasheet
130Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2629 MITSUBISHI-2SC2629 Datasheet
135Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC3019 MITSUBISHI-2SC3019 Datasheet
203Kb / 4P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC4524 MITSUBISHI-2SC4524 Datasheet
202Kb / 4P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3105 MITSUBISHI-2SC3105 Datasheet
99Kb / 2P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC2538 MITSUBISHI-2SC2538 Datasheet
203Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC3101 MITSUBISHI-2SC3101 Datasheet
92Kb / 2P
   NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC2540 MITSUBISHI-2SC2540 Datasheet
136Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com