Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX284B4V3 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części BZX284B4V3
Szczegółowy opis  Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZX284B4V3 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BZX284B4V3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZX284B4V3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
Zener Diodes
BZX284 Series
cathode
idenfifier
SOD110
Unit: mm
Features
Total Power Dissipation: Max. 400mW
Two Tolerance Series:
2% and
5%
Working Voltage Range: Nom. 2.4 to 75V
Absolute Maximum Ratings (Ta = 25
)
Parameter
Symbol
Rating
Unit
Total Power Dissipation
Ptot
400
mW
Continuous Forward Current
IF
250
mA
Forward Voltage
@ IF = 10mA
VF
0.9
V
Jumction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Electrical Characteristics (Ta = 25
)
Min.
Max.
Min.
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
Max.
2%
5%
2V4
2.35
2.45
2.2
2.6
275
400
70
100
-1.6
450
12.0
WO
YO
2V7
2.65
2.75
2.5
2.9
300
450
75
100
-2.0
440
12.0
WP
YP
3V0
2.94
3.06
2.8
3.2
325
500
80
95
-2.1
425
12.0
WQ
YQ
3V3
3.23
3.37
3.1
3.5
350
500
85
95
-2.4
410
12.0
WR
YR
3V6
3.53
3.67
3.4
3.8
375
500
85
90
-2.4
390
12.0
WS
YS
3V9
3.82
3.98
3.7
4.1
400
500
85
90
-2.5
370
12.0
WT
YT
4V3
4.21
4.39
4.0
4.6
410
600
80
90
-2.5
350
12.0
WU
YU
4V7
4.61
4.79
4.4
5.0
425
500
50
80
-1.4
325
12.0
WV
YV
5V1
5.00
5.20
4.8
5.4
400
480
40
60
-0.8
300
12.0
WW
YW
5V6
5.49
5.71
5.2
6.0
80
400
15
40
1.2
275
12.0
WX
YX
Temp.
Coeff.
SZ (mV/K)
@IZ =2mA
Diode Cap.
Cd (pF)
@
f= 1MHz;
VR =0V
Non-repetitive
peak reverse
current
IZSM (A)
@tp = 100
s
Marking
BZX284
Bor C
XXX
Working voltage
VZ (V)
@IZ =5mA
Differential resistance
Rdif (
)
2% (B)
5% (C)
@IZ =1mA
@IZ =5mA


Podobny numer części - BZX284B4V3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BZX284 PHILIPS-BZX284 Datasheet
57Kb / 12P
   Voltage regulator diodes
1999 Apr 19
logo
Nexperia B.V. All right...
BZX284 NEXPERIA-BZX284 Datasheet
892Kb / 11P
   Voltage regulator diodes
2002 May 28
logo
NXP Semiconductors
BZX284-B10 PHILIPS-BZX284-B10 Datasheet
57Kb / 12P
   Voltage regulator diodes
1999 Apr 19
logo
Nexperia B.V. All right...
BZX284-B10 NEXPERIA-BZX284-B10 Datasheet
892Kb / 11P
   Voltage regulator diodes
2002 May 28
logo
NXP Semiconductors
BZX284-B11 PHILIPS-BZX284-B11 Datasheet
57Kb / 12P
   Voltage regulator diodes
1999 Apr 19
More results

Podobny opis - BZX284B4V3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com