Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC4404EPA Arkusz danych(PDF) 3 Page - TelCom Semiconductor, Inc

Numer części TC4404EPA
Szczegółowy opis  1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELCOM [TelCom Semiconductor, Inc]
Strona internetowa  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4404EPA Arkusz danych(HTML) 3 Page - TelCom Semiconductor, Inc

  TC4404EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-221
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ELECTRICAL CHARACTERISTICS: Specifications measured over operating temperature range
with 4.5V
≤ VDD ≤ 18V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.4
V
VIL
Logic 0 Low Input Voltage
0.8
V
IIN
Input Current
– 0V
V
IN
V
DD
– 10
10
µA
Output
VOH
High Output Voltage
VDD – 0.025
V
VOL
Low Output Voltage
0.025
V
RO
Output Resistance
IOUT = 10 mA, VDD = 18V; Any Drain
9
12
IPK
Peak Output Current (Any Drain) Duty cycle <2%, t
≤ 300µsec
1.5
A
IDC
Continuous Output Current (Any Drain)
100
mA
IR
Latch-Up Protection (Any Drain)
Duty cycle <2%, t
≤ 300µsec
>500
mA
Withstand Reverse Current
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 1000 pF
40
nsec
tF
Fall Time
Figure 1, CL = 1000 pF
40
nsec
tD1
Delay Time
Figure 1, CL = 1000 pF
40
nsec
tD2
Delay Time
Figure 1, CL = 1000 pF
60
nsec
Power Supply
IS
Power Supply Current
VIN = 3V (Both Inputs)
8
mA
VIN = 0V (Both Inputs)
0.6
NOTE
1. Switching times guaranteed by design.
PIN CONFIGURATIONS (DIP AND SOIC)
Circuit Layout Guidelines
Avoid long power supply and ground traces (added
inductance causes unwanted voltage transients). Use power
and ground planes wherever possible. In addition, it is
advisable that low ESR bypass capacitors (4.7
µF or 10µF
18
27
36
45
TC4405
B BOTTOM
COM
IN B
IN A
VDD
B TOP
A BOTTOM
A TOP
18
27
36
45
TC4405
B BOTTOM
COM
IN B
IN A
VDD
B TOP
A BOTTOM
A TOP
18
27
36
45
TC4404
B BOTTOM
COM
IN B
IN A
VDD
B TOP
A BOTTOM
A TOP
18
27
36
45
TC4404
B BOTTOM
COM
IN B
IN A
VDD
B TOP
A BOTTOM
A TOP
tantalum) be placed as close to the driver as possible. The
driver should be physically located as close to the device it
is driving as possible to minimize the length of the output
trace.
TC4404
TC4405
1.5A DUAL OPEN-DRAIN
MOSFET DRIVERS


Podobny numer części - TC4404EPA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC4404EPA MICROCHIP-TC4404EPA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404EPA MICROCHIP-TC4404EPA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404EPA MICROCHIP-TC4404EPA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404EPA MICROCHIP-TC4404EPA Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
More results

Podobny opis - TC4404EPA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404 MICROCHIP-TC4404_16 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com