Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMMT4400 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części FMMT4400
Szczegółowy opis  General Purpose Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT4400 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT4400 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
General Purpose Transistors
FMMT4400
Features
General purpose transistors.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6V
Collector current
IC
600
mA
Power dissipation
Ptot
330
mW
Operating and storage temperature range
Tj,Tstg
-55to+150
Marking
Marking
1KZ
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=0.1mA
60
V
Collector-emitter breakdown voltage
V(BR)CEO IC=1mA
40
V
Emitter-base breakdown voltage
V(BR)EBO IE=0.1mA
6V
Collector-emitter cut-off current
ICEX
VCE=35V VEB(off) =0.4V
0.1
ìA
Base cut-off current
IBEX
VCE=35V VEB(off) =3V
0.1
ìA
DC current gain *
hFE
IC=150mA, VCE=1V
50
150
Collector-emitter saturation voltage *
VCE(sat)
IC=150mA,IB=15mA
IC=500mA,IB=50mA
0.4
0.75
V
Base-emitter saturation voltage *
VBE(sat)
IC=150mA,IB=15mA
IC=500mA,IB=50mA
0.75
0.95
1.2
V
Current-gain-bandwidth product
fT
IC=20mA, VCE=10V f=100KHz
200
MHz
Output capacitance
Cobo
VCB=5V, IE=0, f=100KHz
6.5
pF
Input capacitance
Cibo
VBE=0.5V, IC=0, f=100KHz
30
pF
Delay time
ton
VCC=30V, IC=150mA,IB1=15mA
VBE(off)=2V
35
ns
Storage time
toff
VCC=30V, IC=150mA
IB1=IB2=15mA
255
ns
* Pulse test: tp
300 ìs; d
0.02.


Podobny numer części - FMMT4400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
FMMT4400 ZETEX-FMMT4400 Datasheet
30Kb / 2P
   SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
FMMT4400-1KZ ZETEX-FMMT4400-1KZ Datasheet
30Kb / 2P
   SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
More results

Podobny opis - FMMT4400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com