Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7107IJL Arkusz danych(PDF) 5 Page - TelCom Semiconductor, Inc

Numer części TC7107IJL
Szczegółowy opis  3-1/2 DIGIT A/D CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELCOM [TelCom Semiconductor, Inc]
Strona internetowa  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7107IJL Arkusz danych(HTML) 5 Page - TelCom Semiconductor, Inc

  TC7107IJL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7107IJL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7107IJL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7107IJL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7107IJL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7107IJL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7107IJL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7107IJL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7107IJL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
3-187
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PIN DESCRIPTION
Pin No.
Pin No.
40-Pin PDIP
40-Pin PDIP
(Normal)
(Reverse)
Symbol
Description
1
(40)
V+
Positive supply voltage.
2
(39)
D1
Activates the D section of the units display.
3
(38)
C1
Activates the C section of the units display.
4
(37)
B1
Activates the B section of the units display.
5
(36)
A1
Activates the A section of the units display.
6
(35)
F1
Activates the F section of the units display.
7
(34)
G1
Activates the G section of the units display.
8
(33)
E1
Activates the E section of the units display.
9
(32)
D2
Activates the D section of the tens display.
10
(31)
C2
Activates the C section of the tens display.
11
(30)
B2
Activates the B section of the tens display.
12
(29)
A2
Activates the A section of the tens display.
13
(28)
F2
Activates the F section of the tens display.
14
(27)
E2
Activates the E section of the tens display.
15
(26)
D3
Activates the D section of the hundreds display.
16
(25)
B3
Activates the B section of the hundreds display.
17
(24)
F3
Activates the F section of the hundreds display.
18
(23)
E3
Activates the E section of the hundreds display.
19
(22)
AB4
Activates both halves of the 1 in the thousands display.
20
(21)
POL
Activates the negative polarity display.
21
(20)
BP
LCD Backplane drive output (TC7106A).
Digital ground (TC7107A).
22
(19)
G3
Activates the G section of the hundreds display.
23
(18)
A3
Activates the A section of the hundreds display.
24
(17)
C3
Activates the C section of the hundreds display.
25
(16)
G2
Activates the G section of the tens display.
26
(15)
V
Negative power supply voltage.
27
(14)
VINT
Integrator output. Connection point for integration capacitor. See
INTEGRATING CAPACITOR section for more details
28
(13)
VBUFF
Integration resistor connection. Use a 47k
Ω resistor for a 200mV full-
scale range and a 470k
Ω resistor for 2V full-scale range.
29
(12)
CAZ
The size of the auto-zero capacitor influences system noise. Use a
0.47
µF capacitor for 200mV full scale, and a 0.047µF capacitor for
2V full scale. See Paragraph on AUTO-ZERO CAPACITOR for more
details.
30
(11)
V –IN
The analog LOW input is connected to this pin.
31
(10)
V
+
IN
The analog HIGH input signal is connected to this pin.
32
(9)
ANALOG
This pin is primarily used to set the analog common-mode voltage
for battery operation or in systems where the input signal is
referenced to the power supply. It also acts as a reference voltage
source. See paragraph on ANALOG COMMON for more details.
33
(8)
C–REF
See pin 34.
COMMON
GND
TC7106
TC7106A
TC7107
TC7107A
3-1/2 DIGIT A/D CONVERTERS


Podobny numer części - TC7107IJL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC7107 MICROCHIP-TC7107 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7107 MICROCHIP-TC7107 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7107 MICROCHIP-TC7107 Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
TC7107A MICROCHIP-TC7107A Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7107A MICROCHIP-TC7107A Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
More results

Podobny opis - TC7107IJL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TelCom Semiconductor, I...
TC14433 TELCOM-TC14433 Datasheet
149Kb / 10P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com