Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT21A Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części BAT21A
Szczegółowy opis  Schottky barrier (double) diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT21A Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT21A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Schottky barrier (double) diodes
BAT721 series
Features
Ultra high switching speed
Low forward current
Guard ring protected
Small plastic SMD package
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Continuous reverse voltage
VR
40
V
Continuous forward current
IF
200
mA
Non-repetitive peak forward current
IFSM
tp = 8.3 ms half sinewave;JEDEC method
1
A
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
125
Note
1. Pulse test: tp <300
s; ä
0.02.
E lectric al C haracte ristic s T a = 25
P a ra m e te r
S y m bol
C onditions
M in
M ax
U n it
IF = 1 0 m A
300
m V
IF = 100 m A
420
m V
IF = 200 m A
550
m V
V R =3 0 V
1 5
A
V R =3 0 V ; T j = 100
3m A
D iode capacitance
C d
f= 1 M H z ;V R =0 V
4 0
5 0
p F
R e v e rs e c u rre n t
IR
F o rw ard v oltage
V F
Marking
Type
BAT21
BAT21A
BAT21C
BAT21S
Marking
L7*
L8*
L9*
L0*


Podobny numer części - BAT21A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BAT20J STMICROELECTRONICS-BAT20J Datasheet
54Kb / 5P
   HIGH EFFICIENCY SWITCHING AND ULTRA LOW LEAKAGE CURRENT SCHOTTKY DIODE
BAT20JFILM STMICROELECTRONICS-BAT20JFILM Datasheet
54Kb / 5P
   HIGH EFFICIENCY SWITCHING AND ULTRA LOW LEAKAGE CURRENT SCHOTTKY DIODE
logo
Infineon Technologies A...
BAT24-02ELS INFINEON-BAT24-02ELS Datasheet
349Kb / 11P
   Single silicon Schottky diode
v2.0 2018-06-30
BAT24-02LS INFINEON-BAT24-02LS Datasheet
574Kb / 6P
   Silicon Schottky Diode
2008-08-26
BAT24-02LS INFINEON-BAT24-02LS Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
More results

Podobny opis - BAT21A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com