Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC9400COD Arkusz danych(PDF) 8 Page - TelCom Semiconductor, Inc

Numer części TC9400COD
Szczegółowy opis  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELCOM [TelCom Semiconductor, Inc]
Strona internetowa  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9400COD Arkusz danych(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC9400COD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC9400COD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9400COD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9400COD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9400COD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9400COD Datasheet HTML 9Page - TelCom Semiconductor, Inc TC9400COD Datasheet HTML 10Page - TelCom Semiconductor, Inc TC9400COD Datasheet HTML 11Page - TelCom Semiconductor, Inc TC9400COD Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3-294
TELCOM SEMICONDUCTOR, INC.
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402
CREF
The exact value is not critical and may be used to trim the
full-scale frequency (see "Input/Output Relationships"). Glass
film or air trimmer capacitors are recommended because of
their stability and low leakage. Locate as close as possible
to pins 5 and 3.
VDD, VSS
Power supplies of
±5V are recommended. For high-
accuracy requirements, 0.05% line and load regulation and
0.1
µF disc decoupling capacitors located near the pins are
recommended.
Adjustment Procedure
Figure 1 shows a circuit for trimming the zero location.
Full scale may be trimmed by adjusting RIN, VREF, or CREF.
Recommended procedure for a 10kHz full-scale frequency
is as follows:
(1) Set VIN to 10 mV and trim the zero adjust circuit to
obtain a 10Hz output frequency.
(2) Set VIN to 10V and trim either RIN, VREF, or CREF to
obtain a 10kHz output frequency.
If adjustments are performed in this order, there should be
no interaction and they should not have to be repeated.
Figure 3.
Recommended CREF vs VREF
500
400
300
200
100
0
–1
–2
–3
–4
–5
–6
–7
VREF (V)
1 kHz
100kHz
VDD = +5V
VSS = – 5V
RIN = 1MΩ
VIN = +10V
TA = +25°C
Improved Single Supply V/F Converter
Operation
A TC9400 which operates from a single 12 to 15V
variable power source is shown in Figure 5. This circuit uses
two Zener diodes to set stable biasing levels for the TC9400.
The Zener diodes also provide the reference voltage, so the
output impedance and temperature coefficient of the Zeners
will directly affect power supply rejection and temperature
performance.
Full scale adjustment is accomplished by trimming the
input current. Trimming the reference voltage is not recom-
mended for high accuracy applications unless an op amp is
used as a buffer, because the TC9400 requires a low
impedance reference (see the VREF pin description section
for more information).
The circuit of Figure 5 will directly interface with CMOS
logic operating at 12V to 15V. TTL or 5V CMOS logic can be
accommodated by connecting the output pullup resistors to
the +5V supply. An optoisolator can also be used if an
isolated output is required.


Podobny numer części - TC9400COD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC9400COD MICROCHIP-TC9400COD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
More results

Podobny opis - TC9400COD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com