Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4006 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 1N4006
Szczegółowy opis  1A Rectifier Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N4006 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1N4006 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
1
2
4.597
3.988
5.283
4.775
2.896
2.489
1.575
1.397
3.93
3.73
2.38
2.18
5.49
5.29
1.47
1.67
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AC(SMA)
Unit: mm
1.981
2.438
Features
Diffused Junction
High Current Capability and Low Forward Voltage Drop
Surge Overload Rating to 30A Peak
Low Reverse Leakage Current
Marking
Part NO.
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
Marking
M1M2M3M4M5M6M7
1A Rectifier Diodes
1N4001-1N4007
Absolute Maximum Ratings Ta = 25
Parameter
Symbol 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007
Unit
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRMWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
IO
A
Non-Repetitive Peak Forward Surge Current,
8.3ms Single Half Sine-wave Superimposed on
Rated Load (JEDEC method)
DC Blocking Voltage TA =25
TA = 100
Forward Voltage @ IF =1.0A
VFM
V
Typical Junction Capacitance
CJ
pF
Typical Thermal Resistance Junction to Ambient
R
JA
K/W
Maximum DC Blocking Voltage Temperature
TA
Operating and Storage Temperature Range
Tj,TSTG
IFSM
50
V
A
1.0
30
A
100
200
400
600
800
1000
5
50
1.0
IRM
100
+150
-65 to 175
15
8


Podobny numer części - 1N4006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytesonic Electronics C...
1N4006 BYTESONIC-1N4006 Datasheet
264Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
First Components Intern...
1N4006 FCI-1N4006 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
1N4006 SHUNYE-1N4006 Datasheet
312Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1N4006 PANJIT-1N4006 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Podobny opis - 1N4006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
1N4001 LRC-1N4001 Datasheet
48Kb / 2P
   1A GENERAL DIODES
1A1 LRC-1A1 Datasheet
47Kb / 2P
   1A GENERAL DIODES
1N4001E LRC-1N4001E Datasheet
48Kb / 2P
   1A GENERAL DIODES
1F1 LRC-1F1 Datasheet
51Kb / 2P
   1A FAST RECOVERY DIODES
BA157 LRC-BA157 Datasheet
73Kb / 2P
   1A FAST RECOVERY DIODES
FR101 LRC-FR101 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
logo
Shindengen Electric Mfg...
S1NBB80-7062 SHINDENGEN-S1NBB80-7062 Datasheet
728Kb / 5P
   Bridge Diodes 800V, 1A
S1NBB80-7101 SHINDENGEN-S1NBB80-7101 Datasheet
707Kb / 5P
   Bridge Diodes 800V, 1A
logo
Leshan Radio Company
1N4933E LRC-1N4933E Datasheet
55Kb / 2P
   1A FAST RECOVERY DIODES
SS12 LRC-SS12 Datasheet
68Kb / 2P
   1A SCHOTTKY SMA DIODES
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com