Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMBT3906 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części KMBT3906
Szczegółowy opis  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KMBT3906 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KMBT3906 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KMBT3906 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Marking
Marking
2A
www.kexin.com.cn
Features
Epitaxial planar die construction
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector- Base Voltage
VCBO
-40
V
Collector - Emitter Voltage
VCEO
-40
V
Emitter - Base Voltage
VEBO
-5
V
Collector Current- Continuous
IC
-0.2
A
Collector Dissipation
PC
0.3
W
Junction and Storage Temperature
TJ,Tstg
-55to150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector - base breakdown voltage
VCBO
Ic= -100 ìA
IE=0
-40
V
Collector - emitter breakdown voltage
VCEO
Ic= -1 mA
IB=0
-40
V
Emitter- base breakdown voltage
VEBO
IE= -100 ìA
IC=0
-5
V
Collector cut-off current
IcBO
VCB=-40 V,IE=0
-0.1
A
Collector cut-off current
IcEO
VCE=-40 V,VBE(off)=-3V
-50
nA
Emitter cut-off current
IEBO
VEB=-5V ,IC=0
-0.1
A
VCE=-1V,IC= -10mA
100
300
VCE=-1V,IC= -50mA
60
Collector- emitter saturation voltage
VCE(sat) IC=-50 mA, IB= -5mA
-0.3
V
Base - emitter saturation voltage
VBE(sat) IC=-50 mA, IB= -5mA
-0.95
V
Delay time
td
VCC=-3.0V,VBE=0.5V
35
Rise time
tr
IC=-10mA,IB1=-1.0mA
35
Storage time
ts
VCC=-3.0V,IC=-10mA
225
Fall time
tf
IB1=IB2=-1.0mA
75
Transition frequency
fT
VCE= -20V, IC= -10mA, f=100MHz
250
MHz
DC current gain
ns
ns
hFE
PNP Transistors
KMBT3906(MMBT3906)


Podobny numer części - KMBT3906

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KMBT3904 KEXIN-KMBT3904 Datasheet
72Kb / 2P
   NPN Transistors
More results

Podobny opis - KMBT3906

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com