Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1367 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 2SD1367
Szczegółowy opis  Silicon NPN Epitaxial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1367 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1367 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Silicon NPN Epitaxial
2SD1367
Features
Low frequency power amplifier.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
20
V
Collector to emitter voltage
VCEO
16
V
Emitter to base voltage
VEBO
6V
Collector current
IC
2A
Peak collector current
ICP *1
3A
Collector power dissipation
PC *2
1W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*1. PW
10 ms; d
0.02.
*2. Value on the alumina ceramic board (12.5 X 20 X 0.7 mm)
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector to base breakdown voltage
V(BR)CBO IC =10ìA, IE =0
20
V
Collector to emitter breakdown voltage
V(BR)CEO IC =1mA, RBE =
16
V
Emitter to base breakdown voltage
V(BR)EBO IE =10ìA, IC =0
6
V
Collector cutoff current
ICBO
VCB =16V, IE =0
0.1
ìA
Emitter cutoff current
IEBO
VEB =5V, IC =0
0.1
ìA
DC current transfer ratio
hFE
VCE =2V,IC = 0.1 A
100
500
Collector to emitter saturation voltage
VCE(sat) IC =1A,IB = 0.1 A
0.15
0.3
V
Base to emitter saturation voltage
VBE(sat) IC =1A,IB = 0.1 A
0.9
1.2
V
Gain bandwidth product
fT
VCE =2V,IC = 10 mA
100
MHz
Collector output capacitance
Cob
VCB =10V, IE =0,f =1MHz
20
pF
hFE Classification
Marking
BA
BB
BC
hFE
100
200
160
320
250
500


Podobny numer części - 2SD1367

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SD1367 HITACHI-2SD1367 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD1367 RENESAS-2SD1367 Datasheet
203Kb / 6P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD1367-A KEXIN-2SD1367-A Datasheet
894Kb / 3P
   NPN Transistors
2SD1367-A-HF KEXIN-2SD1367-A-HF Datasheet
912Kb / 3P
   NPN Transistors
2SD1367-B KEXIN-2SD1367-B Datasheet
894Kb / 3P
   NPN Transistors
More results

Podobny opis - 2SD1367

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com