Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148-TAP Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części 1N4148-TAP
Szczegółowy opis  Silicon Epitaxial Planar Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4148-TAP Arkusz danych(HTML) 3 Page - Vishay Siliconix

  1N4148-TAP Datasheet HTML 1Page - Vishay Siliconix 1N4148-TAP Datasheet HTML 2Page - Vishay Siliconix 1N4148-TAP Datasheet HTML 3Page - Vishay Siliconix 1N4148-TAP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4148.1N4448
Vishay Telefunken
Rev. 2, 01-Apr-99
3 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85521
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
94 9171
1 N 4448
Scattering Limit
Tj =25°C
Figure 3. Forward Current vs. Forward Voltage
110
1
10
100
1000
VR – Reverse Voltage ( V )
100
94 9098
Scattering Limit
Tj =25°C
Figure 4. Reverse Current vs. Reverse Voltage
Dimensions in mm
Cathode Identification
∅ 1.7 max.
∅ 0.55 max.
3.9 max.
26 min.
technical drawings
according to DIN
specifications
94 9366
Standard Glass Case
54 A 2 DIN 41880
JEDEC DO 35
Weight max. 0.3 g
26 min.


Podobny numer części - 1N4148-TAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
1N4148-T DIODES-1N4148-T Datasheet
63Kb / 2P
   FAST SWITCHING DIODE
DS12019 Rev. 6 - 2
logo
List of Unclassifed Man...
1N4148-T ETC2-1N4148-T Datasheet
98Kb / 2P
   1N4148 SIGNAL DIODE
logo
ON Semiconductor
1N4148-T26A ONSEMI-1N4148-T26A Datasheet
156Kb / 7P
   Small Signal Diode
October, 2017 ??Rev. 4
logo
Won-Top Electronics
1N4148-T3 WTE-1N4148-T3 Datasheet
32Kb / 3P
   FAST SWITCHING DIODE
1N4148-T3 WTE-1N4148-T3 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
More results

Podobny opis - 1N4148-TAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Vishay Siliconix
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
   SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
BAS19 SEMTECH_ELEC-BAS19_15 Datasheet
160Kb / 2P
   Silicon Epitaxial Planar Diodes
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
   Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com