Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

90-441-X Arkusz danych(PDF) 1 Page - Advanced Technical Materials Inc.

Numer części 90-441-X
Szczegółowy opis  HORN MOUNT APPLICATIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATM [Advanced Technical Materials Inc.]
Strona internetowa  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

90-441-X Arkusz danych(HTML) 1 Page - Advanced Technical Materials Inc.

  90-441-X Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
A
A
B
B
CHKD.
APRVD.
MATERIAL
TREATMENT
FINISH
ADVANCED TECHNICAL MATERIALS, INC.
TEL: (631) 289-0363 FAX: (631) 289-0358
www.atmmicrowave.com
A
THE INFORMATION IN THIS
DRAWING IS PROPRIETARY AND
SHALL NOT BE USED OR
DISCLOSED WITHOUT THE PRIOR
WRITTEN CONSENT OF ATM, INC.
`.015
`.06
`.010
`.03
UNLESS OTHERWISE NOTED,
DIMENSIONS ARE IN INCHES,
TOLERANCES ARE:
OVER 12"
DECIMALS
2 PLACE
3 PLACE
6" - 12"
THIRD ANGLE
PROJECTION:
APPROVALS
DATE
UNDER 6"
BASIC
DIMENSION
DO NOT SCALE DWG.
FRACTIONS: ±1/64
ANGLES: ±1/2°
DRAWN
CAGE CODE
ATM DWG #
MODEL #
REVISION
SHEET
0R8N4
`.02
`.005
SIZE
-
-
7994
A
1
M.R.
HORN MOUNT APPLICATIONS
-
XXX-44X-X
REVISION HISTORY
REV
AUTH
DATE
DESCRIPTION
A
-
1/18/2008
INITIAL RELEASE
SMALL MOUNT
APPLICATIONS:
650-440-X
430-440-X
340-440-X
340-441-X
284-440-X
284-441-X
229-440-X
229-441-X
187-440-X
187-441-X
187-442-X
159-440-X
159-441-X
159-442-X
137-440-X
137-441-X
137-442-X
112-440-X
112-441-X
102-440-X
102-441-X
102-449-X/17
102-442-X
MEDIUM MOUNT
APPLICATIONS:
430-441-X
229-442-X
112-449-X/24
90-449-X/24
LARGE MOUNT
APPLICATIONS:
650-441-X
430-442-X
340-442-X
284-442-X
90-440-X
90-441-X
90-442-X
75-441-X
75-442-X
62-441-X
62-449-X/17.5
62-442-X
62-449-X/24
51-441-X
51-442-X
42-441-X
42-442-X
42-449-X/24
34-441-X
34-442-X
28-442-X
28-449-X/24
X-SMALL MOUNT
APPLICATIONS:
75-440-X
62-440-X
51-440-X
42-440-X
34-440-X
28-440-X
28-441-X


Podobny numer części - 90-441-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Technical Mate...
90-441-6 ATM-90-441-6 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
More results

Podobny opis - 90-441-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Technical Mate...
75-442-X_BR ATM-75-442-X_BR Datasheet
111Kb / 1P
   WR75 20dB HORN W/MOUNT
logo
Systemsensor advanced i...
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
   Horn Loudspeaker
logo
Pasternack Enterprises,...
PE9881-24 PASTERNACK-PE9881-24 Datasheet
277Kb / 2P
   Horn Antenna
logo
TDK Electronics
HRN-0118 TDK-HRN-0118 Datasheet
95Kb / 2P
   Horn Antenna
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
   HORN ANTENNAS
logo
Pasternack Enterprises,...
PE9881-42 PASTERNACK-PE9881-42_18 Datasheet
901Kb / 9P
   Waveguide Horn
PE9881-34 PASTERNACK-PE9881-34_17 Datasheet
450Kb / 3P
   Waveguide Horn
PE9854-20 PASTERNACK-PE9854-20 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com