Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2PD1820AR Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 2PD1820AR
Szczegółowy opis  NPN General Purpose Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2PD1820AR Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2PD1820AR Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
NPN General Purpose Transistor
2PD1820A
Features
High current (max. 500 mA).
Low voltage (max. 50 V).
Low collector-emitter saturation voltage (max. 600 mV).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5V
Collector current
IC
500
mA
Peak collector current
ICM
1A
Peak base current
IBM
200
mA
Total power dissipation
Ptot
200
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Tamb
-65to+150
Thermal resistance from junction to ambient
Rth j-a
625
K/W
hFE Classification
TYPE
2PD1820AQ
2PD1820AR
2PD1820AS
Marking
AQ
AR
AS
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
IE =0; VCB = 20 V
10
nA
IE =0; VCB =20V; Tj = 150
5ìA
Emitter cut-off current
IEBO
IC =0; VEB =4V
10
nA
DC current gain
2PD1820AQ
2PD1820AR
2PD1820AS
hFE
IC = 150 mA; VCE =10V; *
85
120
170
170
240
340
Collector-emitter saturation voltage
VCE(sat) IC = 300 mA; IB = 30 mA; *
600
mV
Collector capacitance
Cc
IE =ie=0; VCB =10V; f =1MHz
15
pF
Transition frequency
fT
IC =50mA; VCE =10V; f =100 MHz;*
150
MHz
* Pulse test: tp
300 ìs; ä
0.02.
1 Emitter
2 Base
3 Collector


Podobny numer części - 2PD1820AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
2PD1820AR PHILIPS-2PD1820AR Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 Apr 12
2PD1820AR NXP-2PD1820AR Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
logo
Nexperia B.V. All right...
2PD1820AR NEXPERIA-2PD1820AR Datasheet
287Kb / 7P
   NPN general purpose transistor
1999 Apr 12
More results

Podobny opis - 2PD1820AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com