Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1576 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 2SA1576
Szczegółowy opis  PNP silicon Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1576 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1576 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
PNP silicon Transistor
2SA1576
Features
Low noise:NF=0.5dB(TYP.)
Epitaxial planar type.
1 Emitter
2 Base
3 Collector
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-40
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-100
A
Collector power dissipation
PC
200
W
Junction temperature
Tj
125
Storage temperature
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC=-50ìA
-50
V
Collector-emitter breakdown voltage
BVCEO
IC=-1mA
-40
V
Emitter-base breakdown voltage
BVEBO
IE=-50ìA
-5
V
Collector cutoff current
ICBO
VCB=-30V
-0.5
ìA
Emitter cutoff current
IEBO
VEB=-4V
-0.5
ìA
Collector-emitter saturation voltage
VCE(sat) IC/IB=-50mA/-5mA
-0.5
V
DC current transfer ratio
hFE
VCE=-6V, IC=-1mA
120
560
Transition frequency
fT
VCE=-12V, IE=2mA
140
MHz
Output capacitance
Cob
VCB=-12V, IE=0A, f=1MHz
3.5
pF
hFE Classification
Marking
Q
R
S
hFE
120
270
180
390
270
560
www.kexin.com.cn


Podobny numer części - 2SA1576

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SA1576 ROHM-2SA1576 Datasheet
116Kb / 3P
   EPITAXIAL PLANAR SUPER / ULTRA MINI MOLD PNP SILICON TRANSISTORS
2SA1576A ROHM-2SA1576A Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SA1576A ROHM-2SA1576A Datasheet
76Kb / 3P
   General Purpose Transistor
2SA1576A ROHM-2SA1576A Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SA1576A ROHM-2SA1576A Datasheet
72Kb / 4P
   General Purpose Transistor
More results

Podobny opis - 2SA1576

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com