Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDD3680 Arkusz danych(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części KDD3680
Szczegółowy opis  100V N-Channel Power Trench MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDD3680 Arkusz danych(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KDD3680 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDD3680 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Single Pulse Drain-Source Avalanche Energy
WDSS
VDD =50V, ID = 6.1A (Not 1)
245
mJ
Maximum Drain-Source Avalanche Current
IAR
( Not 1)
6.1
A
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID =250
A
100
V
Breakdown Voltage Temperature Coefficient
ID = 250
A, Referenced to 25
-101
mV/
Zero Gate Voltage Drain Current
IDSS
VDS =80V, VGS =0V
10
A
Gate-Body Leakage, Forward
IGSSF
VGS =20V, VDS = 0 V
100
nA
Gate-Body Leakage, Reverse
IGSSR
VGS =-20 V, VDS =0V
-100
nA
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID =250
A
22.4
4
V
Gate Threshold Voltage Temperature
Coefficient
ID = 250
A, Referenced to 25
-6.5
mV/
VGS =10V, ID =6.1A
32
46
VGS =10V, ID =6.1 A,TJ =125
61
92
VGS =6V, ID =5.8 A,
34
51
On-State Drain Current
ID(on)
VGS =10V, VDS =5V
25
A
Forward Transconductance
gFS
VDS =5V, ID =6.1 A
25
S
Input Capacitance
Ciss
1735
pF
Output Capacitance
Coss
176
pF
Reverse Transfer Capacitance
Crss
53
pF
Turn-On Delay Time
td(on)
14
25
ns
Turn-On Rise Time
tr
8.5
17
ns
Turn-Off Delay Time
td(off)
63
94
ns
Turn-Off Fall Time
tf
21
34
ns
Total Gate Charge
Qg
38
53
nC
Gate-Source Charge
Qgs
8.1
nC
Gate-Drain Charge
Qgd
9.2
nC
Maximum Continuous Drain-Source Diode
Forward Current
IS
2.9
A
Drain-Source Diode Forward Voltage
VSD
VGS =0V, IS = 2.9 A (Not 2)
0.73
1.3
V
VDS =50V, ID =6.1 A,VGS =10V
(Note 2)
m
RDS(on)
Static Drain-Source On-Resistance
VDD =50V, ID =1A,VGS =10V, RGEN
=10
VDS =50V, VGS =0V,f = 1.0MHz
KDD3680


Podobny numer części - KDD3680

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KDD3670 KEXIN-KDD3670 Datasheet
62Kb / 2P
   100V N-Channel PowerTrench MOSFET
More results

Podobny opis - KDD3680

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SemiHow Co.,Ltd.
HRP82N10K SEMIHOW-HRP82N10K Datasheet
878Kb / 8P
   100V N-Channel Trench MOSFET
logo
Wuxi Unigroup Microelec...
TMP140N10A WUMC-TMP140N10A Datasheet
912Kb / 7P
   100V N-Channel Trench MOSFET
TMP160N10A WUMC-TMP160N10A Datasheet
912Kb / 7P
   100V N-Channel Trench MOSFET
logo
SemiHow Co.,Ltd.
HRP120N10K SEMIHOW-HRP120N10K Datasheet
1Mb / 8P
   100V N-Channel Trench MOSFET
HRS72N10K SEMIHOW-HRS72N10K Datasheet
1Mb / 7P
   100V N-Channel Trench MOSFET
HRW82N10K SEMIHOW-HRW82N10K Datasheet
884Kb / 6P
   100V N-Channel Trench MOSFET
HRLP120N10H SEMIHOW-HRLP120N10H Datasheet
491Kb / 7P
   100V N-Channel Trench MOSFET
HRP49N10H SEMIHOW-HRP49N10H Datasheet
454Kb / 7P
   100V N-Channel Trench MOSFET
HRP180N10K SEMIHOW-HRP180N10K Datasheet
921Kb / 8P
   100V N-Channel Trench MOSFET
HRP370N10K SEMIHOW-HRP370N10K Datasheet
954Kb / 8P
   100V N-Channel Trench MOSFET
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com