Zakładka z wyszukiwarką danych komponentów |
|
TS80C32X2-LIJR Arkusz danych(PDF) 5 Page - TEMIC Semiconductors |
|
TS80C32X2-LIJR Arkusz danych(HTML) 5 Page - TEMIC Semiconductors |
5 / 54 page Rev. B - Jan. 25, 1999 5 Preliminary TS80C52X2 Table 3. Pin Description for 40/44 pin packages MNEMONIC PIN NUMBER TYPE NAME AND FUNCTION DIL LCC VQFP 1.4 VSS 20 22 16 I Ground: 0V reference Vss1 1 39 I Optional Ground: Contact the Sales Office for ground connection. VCC 40 44 38 I Power Supply: This is the power supply voltage for normal, idle and power- down operation P0.0-P0.7 39-32 43-36 37-30 I/O Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to them float and can be used as high impedance inputs.Port 0 pins must be polarized to Vcc or Vss in order to prevent any parasitic current consumption. Port 0 is also the multiplexed low-order address and data bus during access to external program and data memory. In this application, it uses strong internal pull-up when emitting 1s. Port 0 also inputs the code bytes during EPROM programming. External pull-ups are required during program verification during which P0 outputs the code bytes. P1.0-P1.7 1-8 2-9 40-44 1-3 I/O Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 1 pins that are externally pulled low will source current because of the internal pull-ups. Port 1 also receives the low-order address byte during memory programming and verification. Alternate functions for Port 1 include: 1 2 40 I/O T2 (P1.0): Timer/Counter 2 external count input/Clockout 2 3 41 I T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control P2.0-P2.7 21-28 24-31 18-25 I/O Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 2 pins that are externally pulled low will source current because of the internal pull-ups. Port 2 emits the high-order address byte during fetches from external program memory and during accesses to external data memory that use 16-bit addresses (MOVX @DPTR).In this application, it uses strong internal pull-ups emitting 1s. During accesses to external data memory that use 8-bit addresses (MOVX @Ri), port 2 emits the contents of the P2 SFR. Some Port 2 pins receive the high order address bits during EPROM programming and verification: P2.0 to P2.4 P3.0-P3.7 10-17 11, 13-19 5, 7-13 I/O Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 3 pins that are externally pulled low will source current because of the internal pull-ups. Port 3 also serves the special features of the 80C51 family, as listed below. 10 11 5 I RXD (P3.0): Serial input port 11 13 7 O TXD (P3.1): Serial output port 12 14 8 I INT0 (P3.2): External interrupt 0 13 15 9 I INT1 (P3.3): External interrupt 1 14 16 10 I T0 (P3.4): Timer 0 external input 15 17 11 I T1 (P3.5): Timer 1 external input 16 18 12 O WR (P3.6): External data memory write strobe 17 19 13 O RD (P3.7): External data memory read strobe Reset 9 10 4 I Reset: A high on this pin for two machine cycles while the oscillator is running, resets the device. An internal diffused resistor to VSS permits a power-on reset using only an external capacitor to VCC. |
Podobny numer części - TS80C32X2-LIJR |
|
Podobny opis - TS80C32X2-LIJR |