Zakładka z wyszukiwarką danych komponentów |
|
BF579R Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
BF579R Arkusz danych(HTML) 2 Page - Vishay Siliconix |
2 / 5 page BF579/BF579R Vishay Telefunken www.vishay.de • FaxBack +1-408-970-5600 Rev. 3, 20-Jan-99 2 (5) Document Number 85001 Electrical DC Characteristics Tamb = 25_C, unless otherwise specified Parameter Test Conditions Symbol Min Typ Max Unit Collector cut-off current –VCE = 20 V, VBE = 0 –ICES 100 mA Collector-base cut-off current –VCB = 15 V, IE = 0 –ICBO 100 nA Emitter-base cut-off current –VEB = 3 V, IC = 0 –IEBO 10 mA Collector-emitter breakdown voltage –IC = 1 mA, IB = 0 –V(BR)CEO 20 V DC forward current transfer ratio –VCE = 10 V, –IC = 10 mA hFE 20 50 90 Electrical AC Characteristics Tamb = 25_C, unless otherwise specified Parameter Test Conditions Sym- bol Min Typ Max Unit Transition frequency –VCE = 10 V, –IC = 10 mA, f = 100 MHz fT 1750 MHz Collector-base capacitance –VCB = 10 V, f = 1 MHz Ccb 0.55 pF Noise figure –VCE = 10 V, –IC = 10 mA, ZS = 50 W, f = 800 MHz F 3.4 4.2 dB Power gain –VCE = 10 V, –IC = 10 mA, ZS = 50 W, ZL = 500 W, f = 800 MHz Gpb 16 dB |
Podobny numer części - BF579R |
|
Podobny opis - BF579R |