Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF995 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części BF995
Szczegółowy opis  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF995 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  BF995 Datasheet HTML 1Page - Vishay Siliconix BF995 Datasheet HTML 2Page - Vishay Siliconix BF995 Datasheet HTML 3Page - Vishay Siliconix BF995 Datasheet HTML 4Page - Vishay Siliconix BF995 Datasheet HTML 5Page - Vishay Siliconix BF995 Datasheet HTML 6Page - Vishay Siliconix BF995 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BF995
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
1 (7)
Document Number 85009
N–Channel Dual Gate MOS-Fieldeffect Tetrode,
Depletion Mode
Electrostatic sensitive device.
Observe precautions for handling.
Applications
Input- and mixer stages especially for FM- and VHF TV-tuners up to 300 MHz.
Features
D Integrated gate protection diodes
D High cross modulation performance
D Low noise figure
D High AGC-range
D Low feedback capacitance
13 579
21
4
3
94 9279
BF995 Marking: MB
Plastic case (SOT 143)
1=Source, 2=Drain, 3=Gate 2, 4=Gate 1
G
2
G
1
D
S
12623
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Type
Symbol
Value
Unit
Drain - source voltage
VDS
20
V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak current
±IG1/G2SM
10
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Maximum Thermal Resistance
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Channel ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
mm Cu
RthChA
450
K/W


Podobny numer części - BF995

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BF995 SIEMENS-BF995 Datasheet
175Kb / 10P
   Silicon N Channel MOSFET Tetrode (For input and mixer stages in FM and VHF TV tuners)
More results

Podobny opis - BF995

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF988 VISHAY-BF988_08 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com