Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF996SB Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części BF996SB
Szczegółowy opis  N.Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF996SB Arkusz danych(HTML) 2 Page - Vishay Siliconix

  BF996SB Datasheet HTML 1Page - Vishay Siliconix BF996SB Datasheet HTML 2Page - Vishay Siliconix BF996SB Datasheet HTML 3Page - Vishay Siliconix BF996SB Datasheet HTML 4Page - Vishay Siliconix BF996SB Datasheet HTML 5Page - Vishay Siliconix BF996SB Datasheet HTML 6Page - Vishay Siliconix BF996SB Datasheet HTML 7Page - Vishay Siliconix BF996SB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BF996S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (8)
Document Number 85010
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Drain - source
breakdown voltage
ID = 10 mA, –VG1S = –VG2S = 4 V
V(BR)DS
20
V
Gate 1 - source
breakdown voltage
±IG1S = 10 mA, VG2S = VDS = 0
±V(BR)G1SS
8
14
V
Gate 2 - source
breakdown voltage
±IG2S = 10 mA, VG1S = VDS = 0
±V(BR)G2SS
8
14
V
Gate 1 - source
leakage current
±VG1S = 5 V, VG2S = VDS = 0
±IG1SS
50
nA
Gate 2 - source
leakage current
±VG2S = 5 V, VG1S = VDS = 0
±IG2SS
50
nA
Drain current
VDS = 15 V, VG1S = 0, VG2S = 4 V
BF996S
IDSS
4
18
mA
DS
G1S
G2S
BF996SA
IDSS
4
10.5
mA
BF996SB
IDSS
9.5
18
mA
Gate 1 - source
cut-off voltage
VDS = 15 V, VG2S = 4 V, ID = 20 mA
–VG1S(OFF)
2.5
V
Gate 2 - source
cut-off voltage
VDS = 15 V, VG1S = 0, ID = 20 mA
–VG2S(OFF)
2.0
V
Electrical AC Characteristics
VDS = 15 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz , Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward transadmittance
y21s
15
18.5
mS
Gate 1 input capacitance
Cissg1
2.2
2.6
pF
Gate 2 input capacitance
VG1S = 0, VG2S = 4 V
Cissg2
1.1
pF
Feedback capacitance
Crss
25
35
fF
Output capacitance
Coss
10.8
1.2
pF
Power gain
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
Gps
25
dB
g
GS = 3.3 mS, GL = 1 mS, f = 800 MHz
Gps
18
dB
AGC range
VG2S = 4 to –2 V, f = 800 MHz
DGps
40
dB
Noise figure
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
F
1.0
dB
g
GS = 3.3 mS, GL = 1 mS, f = 800 MHz
F
1.8
dB


Podobny numer części - BF996SB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Siemens Semiconductor G...
BF996S SIEMENS-BF996S Datasheet
135Kb / 8P
   Silicon N Channel MOSFET Tetrode (For input stages in UHF TV tuners High transconductance Low noise figure)
logo
TEMIC Semiconductors
BF996S TEMIC-BF996S Datasheet
68Kb / 5P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
logo
NXP Semiconductors
BF996S NXP-BF996S Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF996S JMNIC-BF996S Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
More results

Podobny opis - BF996SB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com