Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW55 Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części BDW55
Szczegółowy opis  isc Silicon NPN Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDW55 Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDW55 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW55 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BDW55/57/59
DESCRIPTION
·Collector–Emitter Sustaining Voltage-
: VCEO(SUS)= 45V- BDW55
= 60V- BDW57
= 80V- BDW59
·Complement to Type BDW56/58/60
APPLICATIONS
·Designed for use in professional equipment such as
telecommunication and etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDW55
45
BDW57
60
VCBO
Collector-Base
Voltage
BDW59
100
V
BDW55
45
BDW57
60
VCER
Collector-Emitter
Voltage RBE= 1kΩ
BDW59
100
V
BDW55
45
BDW57
60
VCEO
Collector-Emitter
Voltage
BDW59
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
1
A
ICM
Collector Current-Peak
1.5
A
PC
Collector Power Dissipation
@ TC=25℃
8
W
TJ
Junction Temperature
175
Tstg
Storage Temperature Range
-65~175
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
10
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
100
℃/W
isc Website:www.iscsemi.cn


Podobny numer części - BDW55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
BDW51 CENTRAL-BDW51 Datasheet
53Kb / 1P
   Power Transistors
logo
Seme LAB
BDW51 SEME-LAB-BDW51 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDW51 ISC-BDW51 Datasheet
231Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BDW51 NJSEMI-BDW51 Datasheet
135Kb / 2P
   Silicon NPN Power Transistor
logo
Seme LAB
BDW51A SEME-LAB-BDW51A Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
More results

Podobny opis - BDW55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2N5930 ISC-2N5930 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2N5933 ISC-2N5933 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistors
2N5935 ISC-2N5935 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2SD583 ISC-2SD583 Datasheet
256Kb / 2P
   isc Silicon NPN Power Transistors
BUS132 ISC-BUS132 Datasheet
195Kb / 2P
   isc Silicon NPN Power Transistors
MJD41C ISC-MJD41C Datasheet
260Kb / 3P
   isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
   isc Silicon NPN Power Transistors
2N4915 ISC-2N4915 Datasheet
40Kb / 2P
   isc Silicon NPN Power Transistors
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
   isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com