Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYS10-35 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części BYS10-35
Szczegółowy opis  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYS10-35 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  BYS10-35 Datasheet HTML 1Page - Vishay Siliconix BYS10-35 Datasheet HTML 2Page - Vishay Siliconix BYS10-35 Datasheet HTML 3Page - Vishay Siliconix BYS10-35 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYS10
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (4)
Document Number 86013
Schottky Barrier Rectifier
Features
D High efficiency
D Low power losses
D Very low switching losses
D Low reverse current
D High surge capability
Applications
Polarity protection
Low voltage, high frequency rectifiers
15 811
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYS10–25
VR
25
V
g
=Repetitive peak reverse voltage
BYS10–35
R
=VRRM
35
V
BYS10–45
45
V
Peak forward surge current
tp=10ms, half sinewave
IFSM
30
A
Average forward current
IFAV
1.5
A
Junction and storage
temperature range
Tj=Tstg
–55...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction lead
TL=constant
RthJL
25
K/W
Junction ambient
mounted on epoxy–glass hard tissue
RthJA
150
K/W
mounted on epoxy–glass hard tissue, 50mm2 35
mm Cu
RthJA
125
K/W
mounted on Al–oxid–ceramic (Al2O3), 50mm2 35mm Cu
RthJA
100
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
500
mV
Reverse current
VR=VRRM
IR
500
mA
VR=VRRM, Tj=100°C
IR
10
mA


Podobny numer części - BYS10-35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BYS10-35 VISHAY-BYS10-35 Datasheet
359Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 21-Jan-08
BYS10-35 VISHAY-BYS10-35 Datasheet
81Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 19-May-10
logo
Shenzhen Taychipst Elec...
BYS10-35 TAYCHIPST-BYS10-35 Datasheet
4Mb / 2P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
BYS10-35 VISHAY-BYS10-35 Datasheet
86Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 26-Mar-12
BYS10-35 VISHAY-BYS10-35 Datasheet
98Kb / 5P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results

Podobny opis - BYS10-35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com