Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC54VC5901EZB Arkusz danych(PDF) 2 Page - TelCom Semiconductor, Inc

Numer części TC54VC5901EZB
Szczegółowy opis  VOLTAGE DETECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELCOM [TelCom Semiconductor, Inc]
Strona internetowa  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC54VC5901EZB Arkusz danych(HTML) 2 Page - TelCom Semiconductor, Inc

  TC54VC5901EZB Datasheet HTML 1Page - TelCom Semiconductor, Inc TC54VC5901EZB Datasheet HTML 2Page - TelCom Semiconductor, Inc TC54VC5901EZB Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-280
TELCOM SEMICONDUCTOR, INC.
TC54
VOLTAGE DETECTOR
ELECTRICAL CHARACTERISTICS: TA = 25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Operating Voltage
V
DET = 2.1 to 6.0V
1.5
10.0
V
ISS
Quiescent Current
VIN =
2.1V
1.0
3.0
3.0V
1.3
3.4
µA
4.0V
1.6
3.8
5.0V
2.0
4.2
V
DET
Threshold Voltage
(V
DET)(V
DET)V
x 0.98
x 1.02
VHYST
Hysteresis Range
(V
DET)(V
DET)(V
DET)V
x 0.02
x 0.05
x 0.08
IOUT
Output Current
Nch VDS = 0.5
VIN = 2.1V
7.7
mA
3.0V
10.1
4.0V
11.5
5.0V
13.0
Pch VDS = 2.1V
VIN = 8.0V
– 10.0
TC (V
DET)
Tempco of (V
DET)
– 40
°C ≤ TA ≤ 85°C
± 100
ppm/
°C
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VIN) ..................................................................... 12V
Output Voltage: CMOS ............ (VSS – 0.3) to (VIN + 0.3)
Open Drain ................. (VSS – 0.3) to 12V
Output Current .........................................................50mA
Power Dissipation: (TA ≤ 70°C)
SOT-23A-3 ..................................................... 240mW
SOT-89-3 ....................................................... 400mW
TO-92
....................................................... 440mW
Operating Temperature .......................... – 40
°C to + 85°C
Storage Temperature ........................... – 65
°C to + 150°C
Soldering Temperature ...................... 300
°C, 10 seconds
* Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
Pin No.
Symbol
Description
1VIN
Analog input. This pin is both the power supply input and the voltage to be monitored.
2VOUT
Digital output. This output goes low when VIN drops below V
DET and returns
high when VIN rises above V
DET + VHYST. (See timing chart).
3VSS
Ground terminal.
PIN DESCRIPTION


Podobny numer części - TC54VC5901EZB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC54VC MICROCHIP-TC54VC Datasheet
257Kb / 20P
   CMOS voltage detectors that are especially well suited for battery-powered
2001-2011
TC54VC MICROCHIP-TC54VC Datasheet
172Kb / 16P
   Voltage Detector
10/05/07
TC54VC1101ECBTR MICROCHIP-TC54VC1101ECBTR Datasheet
215Kb / 12P
   Voltage Detector
2002
TC54VC1101ECTTR MICROCHIP-TC54VC1101ECTTR Datasheet
215Kb / 12P
   Voltage Detector
2002
TC54VC1101EMBTR MICROCHIP-TC54VC1101EMBTR Datasheet
215Kb / 12P
   Voltage Detector
2002
More results

Podobny opis - TC54VC5901EZB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com