Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS76SB40 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 1PS76SB40
Szczegółowy opis  Schottky barrier Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1PS76SB40 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1PS76SB40 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Schottky barrier Diodes
1PS76SB40
Features
Low forward volatge
Guardringprotected
Very small plastic SMD package
Low diode capacitance.
Absolute Maximum Ratings Ta = 25
PARAMATER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
continuous reverse voltage
VR
4V
continuous forward current
IF
120
mA
repetitive peak forward current
IFRM
tp
1s; ä
0.5
120
mA
non-repetitive peak forward current
IFSM
tp < 10 ms
200
mA
storage temperature
Tstg
-65
+150
junction temperature
Tj
150
operating ambient temperature
Tamb
-65
+150
E lectric al C haracte ristic s T a = 25
PARAM AT ER
SYM BO L
C O N DIT IO N S
M AX
UNIT
IF = 1 mA
3 8 0
mV
IF = 1 0 m A
500
m V
IF =4 0 m A
1
V
V R = 3 0V ; n o te1 ;
1
A
V R = 4 0V ; n o te1 ;
1 0
A
diode capacitance
C d
V R = 0 V ;f= M H z;
5
p F
therm a l resis tance fro m junction to am bient
R thj-a
450
K /W
No te :
1.P u ls e test: tp = 300
s; ä = 0.02.
continuous re ve rs e c urrent
IR
continuous fo rw ard voltage
V F
Marking
Marking
s4


Podobny numer części - 1PS76SB40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS76SB40 PHILIPS-1PS76SB40 Datasheet
56Kb / 8P
   Schottky barrier diode
1999 Apr 26
1PS76SB40 PHILIPS-1PS76SB40 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
1PS76SB40 NXP-1PS76SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS76SB40 NXP-1PS76SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS76SB40 NXP-1PS76SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
More results

Podobny opis - 1PS76SB40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com