Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP29 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części TIP29
Szczegółowy opis  isc Silicon NPN Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP29 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP29 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP29 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistors
TIP29
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA; IB= 0
40
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.125A
0.7
V
VBE(on)
Base-Emitter On Voltage
IC= 1A; VCE= 4V
1.3
V
ICES
Collector Cutoff Current
VCE= 40V; VEB= 0
0.2
mA
ICEO
Collector Cutoff Current
VCE= 30V; IB= 0
0.3
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 0.2A; VCE= 4V
40
hFE-2
DC Current Gain
IC= 1A; VCE= 4V
15
75
fT
Current-Gain—Bandwidth Product
IC= 0.2A ; VCE= 10V; f= 1MHz
3
MHz


Podobny numer części - TIP29

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
logo
Power Innovations Ltd
TIP29 POINN-TIP29 Datasheet
85Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
TIP29 CDIL-TIP29 Datasheet
317Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
Transys Electronics
TIP29 TRSYS-TIP29 Datasheet
443Kb / 5P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - TIP29

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2N5930 ISC-2N5930 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2N5933 ISC-2N5933 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistors
2N5935 ISC-2N5935 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2SD583 ISC-2SD583 Datasheet
256Kb / 2P
   isc Silicon NPN Power Transistors
BUS132 ISC-BUS132 Datasheet
195Kb / 2P
   isc Silicon NPN Power Transistors
MJD41C ISC-MJD41C Datasheet
260Kb / 3P
   isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
   isc Silicon NPN Power Transistors
2N4915 ISC-2N4915 Datasheet
40Kb / 2P
   isc Silicon NPN Power Transistors
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
   isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com