Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSA150 Arkusz danych(PDF) 1 Page - Bedford Opto Technology Ltd.

Numer części SSA150
Szczegółowy opis  3 TIER 3mm LED ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOT [Bedford Opto Technology Ltd.]
Strona internetowa  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA150 Arkusz danych(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA150 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA150 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11.43
14.84
5.08
5.08
2.6
4.45
2.54
2.54
4.32
FEET 1.50 DIAM
2.54
0.5 SQ
0.4
3.5
+
Ø3.2
2.54
SSA 150 SERIES
3 TIER
3mm LED ASSEMBLY
The SSA 150 series is a family of display devices
using a Black Nylon 6 UL-94VO rated housing to
mount three 3mm LEDs at right angles to a PCB.
The pin out is in line on 0.1” . In any one batch the
LEDs are lumenous intensity matched.
Accurate alignment of LEDs.
Low current and high brightness available.
Matched LEDs.
Bi-Colour and 2mA LEDs available.
Direct equivalent to Dialight 564-0X00-000
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1 BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ISS B 14.3.06
PAGE1 OF 2
Pb
This
component
is RoHS
compliant


Podobny numer części - SSA150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
celduc-relais
SSA15320 CELDUC-SSA15320 Datasheet
99Kb / 4P
   Support Interfaces E/S DIN rail adaptor for I/O modules
More results

Podobny opis - SSA150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bedford Opto Technology...
ORT33 BOT-ORT33 Datasheet
32Kb / 2P
   3 Tier 3mm LED ASSEMBLY
SSA187 BOT-SSA187 Datasheet
40Kb / 3P
   3 TIER 3mm LED ASSEMBLY
SSA149 BOT-SSA149 Datasheet
35Kb / 2P
   2 TIER 3mm LED ASSEMBLY
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
   3 Way 2 Tier 3mm LED Array
ORT43S BOT-ORT43S Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
SSA196 BOT-SSA196 Datasheet
33Kb / 2P
   3mm LED ASSEMBLY
logo
A-BRIGHT Inc
AA-3A4-4G-KLH340 A-BRIGHT-AA-3A4-4G-KLH340_09 Datasheet
239Kb / 5P
   3mm LED Assembly
2009/2/27
logo
Bedford Opto Technology...
SSA200 BOT-SSA200 Datasheet
34Kb / 2P
   SERIES 3 TIER
ORD9402 BOT-ORD9402 Datasheet
37Kb / 2P
   3mm LED INTERLOCKING ASSEMBLY
ORD9202 BOT-ORD9202 Datasheet
34Kb / 2P
   3mm LED ASSEMBLY IN LINE PINNING
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com