Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2106X Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADSP-2106X
Szczegółowy opis  DSP Microcomputer Family
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2106X Arkusz danych(HTML) 1 Page - Analog Devices

  ADSP-2106X Datasheet HTML 1Page - Analog Devices ADSP-2106X Datasheet HTML 2Page - Analog Devices ADSP-2106X Datasheet HTML 3Page - Analog Devices ADSP-2106X Datasheet HTML 4Page - Analog Devices ADSP-2106X Datasheet HTML 5Page - Analog Devices ADSP-2106X Datasheet HTML 6Page - Analog Devices ADSP-2106X Datasheet HTML 7Page - Analog Devices ADSP-2106X Datasheet HTML 8Page - Analog Devices ADSP-2106X Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADSP-2106x SHARC®
DSP Microcomputer Family
ADSP-21061/ADSP-21061L
Pin-Compatible with ADSP-21060 (4 Mbit) and
ADSP-21062 (2 Mbit)
Flexible Data Formats and 40-Bit Extended Precision
32-Bit Single-Precision and 40-Bit Extended-Precision
IEEE Floating-Point Data Formats
32-Bit Fixed-Point Data Format, Integer and Fractional,
with 80-Bit Accumulators
Parallel Computations
Single-Cycle Multiply and ALU Operations in Parallel with
Dual Memory Read/Writes and Instruction Fetch
Multiply with Add and Subtract for Accelerated FFT
Butterfly Computation
1024-Point Complex FFT Benchmark: 0.37 ms (18,221 Cycles)
1 Megabit Configurable On-Chip SRAM
Dual-Ported for Independent Access by Core Processor
and DMA
Configurable as 32K Words Data Memory (32-Bit), 16K
Words Program Memory (48-Bit) or Combinations of
Both Up to 1 Mbit
Off-Chip Memory Interfacing
4-Gigawords Addressable (32-Bit Address)
Programmable Wait State Generation, Page-Mode DRAM
Support
SUMMARY
High Performance Signal Computer for Speech, Sound,
Graphics and Imaging Applications
Super Harvard Architecture Computer (SHARC)—
Four Independent Buses for Dual Data, Instructions,
and I/O
32-Bit IEEE Floating-Point Computation Units—
Multiplier, ALU and Shifter
1 Megabit On-Chip SRAM Memory and Integrated I/O
Peripherals—A Complete System-On-A-Chip
Integrated Multiprocessing Features
KEY FEATURES
50 MIPS, 20 ns Instruction Rate, Single-Cycle Instruction
Execution
120 MFLOPS Peak, 80 MFLOPS Sustained Performance
Dual Data Address Generators with Modulo and Bit-
Reverse Addressing
Efficient Program Sequencing with Zero-Overhead
Looping: Single-Cycle Loop Setup
IEEE JTAG Standard 1149.1 Test Access Port and
On-Chip Emulation
240-Lead MQFP Package
225-Ball Plastic Ball Grid Array (PBGA)
SHARC is a registered trademark of Analog Devices, Inc.
6
4
6
IOP
REGISTERS
(MEMORY MAPPED)
CONTROL,
STATUS &
DATA BUFFERS
I/O PROCESSOR
TIMER
INSTRUCTION
CACHE
32 x 48-BIT
ADDR
DATA
DATA
DATA
ADDR
ADDR
DATA
ADDR
TWO INDEPENDENT
DUAL-PORTED BLOCKS
PROCESSOR PORT
I/O PORT
JTAG
TEST &
EMULATION
7
HOST PORT
ADDR BUS
MUX
IOA
17
IOD
48
MULTIPROCESSOR
INTERFACE
DUAL-PORTED SRAM
EXTERNAL
PORT
DATA BUS
MUX
48
32
24
PM ADDRESS BUS
DM ADDRESS BUS
PM DATA BUS
DM DATA BUS
BUS
CONNECT
(PX)
DATA
REGISTER
FILE
16 x 40-BIT
BARREL
SHIFTER
ALU
MULTIPLIER
DAG1
8 x 4 x 32
32
48
40/32
CORE PROCESSOR
DMA
CONTROLLER
PROGRAM
SEQUENCER
DAG2
8 x 4 x 24
SERIAL PORTS
(2)
Figure 1. ADSP-21061/ADSP-21061L Block Diagram
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Podobny numer części - ADSP-2106X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21060 AD-ADSP-21060 Datasheet
811Kb / 64P
   High performance signal processor for communications graphics and imaging applications
Rev. F
ADSP-21060 AD-ADSP-21060 Datasheet
949Kb / 64P
   SHARC Processor
Rev. H
ADSP-210602 AD-ADSP-210602 Datasheet
811Kb / 64P
   High performance signal processor for communications graphics and imaging applications
Rev. F
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
811Kb / 64P
   High performance signal processor for communications graphics and imaging applications
Rev. F
More results

Podobny opis - ADSP-2106X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com