Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVCH16245ABQ Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LVCH16245ABQ
Szczegółowy opis  16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH16245ABQ Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LVCH16245ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVCH16245ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVCH16245ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVCH16245ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVCH16245ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVCH16245ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVCH16245ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVCH16245ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVCH16245ABQ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
8 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
9.
Static characteristics
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level input
voltage
VCC = 1.2 V
VCC
--
VCC
-V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 1.2 V
-
-
0
-
0
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA;
VCC = 2.7 V to 3.6 V
VCC − 0.2
VCC
-VCC − 0.3
-
V
IO = −12 mA; VCC = 2.7 V
2.2
-
-
2.05
-
V
IO = −18 mA; VCC = 3.0 V
2.4
-
-
2.25
-
V
IO = −24 mA; VCC = 3.0 V
2.2
-
-
2.0
-
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 µA;
VCC = 2.7 V to 3.6 V
-
0
0.20
-
0.3
V
IO = 12 mA; VCC = 2.7 V
-
-
0.40
-
0.6
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
II
input leakage
current
VI = 5.5 V or GND; VCC = 3.6 V
[2]
-
±0.1
±5-
±20
µA
IOZ
OFF-state output
current
VI =VIH or VIL;
VO = 5.5 V or GND;
VCC = 3.6 V
[2][3]
-
±0.1
±5-
±20
µA
IOFF
power-off leakage
supply
VI or VO = 5.5 V; VCC = 0.0 V
-
±0.1
±10
-
±20
µA
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 3.6 V
-
0.1
10
-
40
µA
∆ICC
additional supply
current
per input pin; VI =VCC − 0.6 V;
IO = 0 A; VCC = 2.7 V to 3.6 V
-
5
500
-
5000
µA
CI
input capacitance VCC = 0 V to 3.6 V;
VI = GND to VCC
-
5.0
-
-
-
pF
CI/O
input/output
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-10
-
-
-
pF
IBHL
bus hold current
LOW
VCC = 3.0 V; VI = 0.8 V
[4][5]
75
-
-
60
-
µA
IBHH
bus hold current
HIGH
VCC = 3.0 V; VI = 2.0 V
[4][5]
−75
-
-
−60
-
µA
IBHLO
bus hold
overdrive current
LOW
VCC = 3.6 V
[4][6]
500
-
-
500
-
µA


Podobny numer części - 74LVCH16245ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVCH16245A PHILIPS-74LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74LVCH16245A-Q100 NEXPERIA-74LVCH16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVCH16245ADGG PHILIPS-74LVCH16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Integrated Circuit Syst...
74LVCH16245ADGG ICST-74LVCH16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results

Podobny opis - 74LVCH16245ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com