Zakładka z wyszukiwarką danych komponentów |
|
ADSP-21061KS-200 Arkusz danych(PDF) 9 Page - Analog Devices |
|
ADSP-21061KS-200 Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 47 page ADSP-21061/ADSP-21061L –9– REV. B PIN DESCRIPTIONS ADSP-21061 pin definitions are listed below. Inputs identified as synchronous (S) must meet timing requirements with respect to CLKIN (or with respect to TCK for TMS, TDI). Inputs identified as asynchronous (A) can be asserted asynchronously to CLKIN (or to TCK for TRST). Unused inputs should be tied or pulled to IVDD or IGND, except for ADDR31-0, DATA47-0, FLAG3-0, SW and inputs that have internal pull-up or pull-down resistors ( CPA, ACK, DTx, DRx, TCLKx, RCLKx, TMS and TDI)—these pins can be left floating. These pins have a logic-level hold circuit that prevents the input from floating internally. I = Input S = Synchronous P = Power Supply (O/D) = Open Drain O = Output A = Asynchronous G = Ground (A/D) = Active Drive T = Three-State (when SBTS is asserted, or when the ADSP-2106x is a bus slave) PIN FUNCTION DESCRIPTIONS Pin Type Function ADDR31-0 I/O/T External Bus Address. The ADSP-21061 outputs addresses for external memory and peripherals on these pins. In a multiprocessor system the bus master outputs addresses for read/writes of the internal memory or IOP registers of other ADSP-2106xs. The ADSP-21061 inputs addresses when a host processor or multiprocessing bus master is reading or writing its internal memory or IOP registers. DATA47-0 I/O/T External Bus Data. The ADSP-21061 inputs and outputs data and instructions on these pins. The external data bus transfers 32-bit single-precision floating-point data and 32-bit fixed-point data over Bits 47-16. 40-bit extended-precision floating-point data is transferred over Bits 47-8 of the bus. 16-bit short word data is transferred over Bits 31-16 of the bus. Pull-up resistors on un- used DATA pins are not necessary. MS 3-0 O/T Memory Select Lines. These lines are asserted (low) as chip selects for the corresponding banks of external memory. Memory bank size must be defined in the ADSP-21061’s system control regis- ter (SYSCON). The MS 3-0 lines are decoded memory address lines that change at the same time as the other address lines. When no external memory access is occurring the MS 3-0 lines are inactive; they are active, however, when a conditional memory access instruction is executed, whether or not the condition is true. MS 0 can be used with the PAGE signal to implement a bank of DRAM memory (Bank 0). In a multiprocessor system the MS 3-0 lines are output by the bus master. RD I/O/T Memory Read Strobe. This pin is asserted (low) when the ADSP-21061 reads from external memory devices or from the internal memory of other ADSP-21061s. External devices (including other ADSP-21061s) must assert RD to read from the ADSP-21061’s internal memory. In a multi- processor system RD is output by the bus master and is input by all other ADSP-21061s. WR I/O/T Memory Write Strobe. This pin is asserted (low) when the ADSP-21061 writes to external memory devices or to the internal memory of other ADSP-21061s. External devices must assert WR to write to the ADSP-21061’s internal memory. In a multiprocessor system WR is output by the bus master and is input by all other ADSP-21061s. PAGE O/T DRAM Page Boundary. The ADSP-21061 asserts this pin to signal that an external DRAM page boundary has been crossed. DRAM page size must be defined in the ADSP-21061’s memory con- trol register (WAIT). DRAM can only be implemented in external memory Bank 0; the PAGE signal can only be activated for Bank 0 accesses. In a multiprocessor system PAGE is output by the bus master. ADRCLK O/T Address Clock for synchronous external memories. Addresses on ADDR31-0 are valid before the rising edge of ADRCLK. In a multiprocessing system ADRCLK is output by the bus master. SW I/O/T Synchronous Write Select. This signal is used to interface the ADSP-2106x to synchronous memory devices (including other ADSP-21061s). The ADSP-21061 asserts SW (low) to provide an early indica- tion of an impending write cycle, which can be aborted if WR is not later asserted (e.g. in a conditional write instruction). In a multiprocessor system, SW is output by the bus master and is input by all other ADSP-21061s to determine if the multiprocessor memory access is a read or write. SW is asserted at the same time as the address output. A host processor using synchronous writes must assert this pin when writing to the ADSP-21061(s). ACK I/O/S Memory Acknowledge. External devices can deassert ACK (low) to add wait states to an external memory access. ACK is used by I/O devices, memory controllers or other peripherals to hold off completion of an external memory access. The ADSP-21061 deasserts ACK as an output to add wait states to a synchronous access of its internal memory. In a multiprocessor system, a slave ADSP-21061 deasserts the bus master’s ACK input to add wait state(s) to an access of its internal memory. The bus master has a keeper latch on its ACK pin that maintains the input at the level it was last driven to. |
Podobny numer części - ADSP-21061KS-200 |
|
Podobny opis - ADSP-21061KS-200 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |