Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21061KS-200 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADSP-21061KS-200
Szczegółowy opis  DSP Microcomputer Family
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21061KS-200 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADSP-21061KS-200 Datasheet HTML 7Page - Analog Devices ADSP-21061KS-200 Datasheet HTML 8Page - Analog Devices ADSP-21061KS-200 Datasheet HTML 9Page - Analog Devices ADSP-21061KS-200 Datasheet HTML 10Page - Analog Devices ADSP-21061KS-200 Datasheet HTML 11Page - Analog Devices ADSP-21061KS-200 Datasheet HTML 12Page - Analog Devices ADSP-21061KS-200 Datasheet HTML 13Page - Analog Devices ADSP-21061KS-200 Datasheet HTML 14Page - Analog Devices ADSP-21061KS-200 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
ADSP-21061/ADSP-21061L
–11–
REV. B
Pin
Type
Function
TFSx
I/O
Transmit Frame Sync (Serial Ports 0, 1).
RFSx
I/O
Receive Frame Sync (Serial Ports 0, 1).
EBOOT
I
EPROM Boot Select. When EBOOT is high, the ADSP-21061 is configured for booting from an 8-
bit EPROM. When EBOOT is low, the LBOOT and
BMS inputs determine booting mode. See table
below. This signal is a system configuration selection which should be hardwired.
LBOOT
I
Link Boot—Must be tied to GND.
BMS
I/O/T*
Boot Memory Select. Output: Used as chip select for boot EPROM devices (when EBOOT = 1,
LBOOT = 0). In a multiprocessor system,
BMS is output by the bus master. Input: When low, indi-
cates that no booting will occur and that ADSP-21061 will begin executing instructions from external
memory. See table below. This input is a system configuration selection which should be hardwired.
*Three-statable only in EPROM boot mode (when
BMS is an output).
EBOOT
LBOOT
BMS
Booting Mode
1
0
Output
EPROM (Connect
BMS to EPROM chip select.)
0
0
1 (Input)
Host Processor
0
0
0 (Input)
No Booting. Processor executes from external memory.
CLKIN
I
Clock In. External clock input to the ADSP-21061. The instruction cycle rate is equal to CLKIN.
CLKIN may not be halted, changed, or operated below the specified frequency.
RESET
I/A
Processor Reset. Resets the ADSP-21061 to a known state and begins execution at the program
memory location specified by the hardware reset vector address. This input must be asserted (low) at
power-up.
TCK
I
Test Clock (JTAG). Provides an asynchronous clock for JTAG boundary scan.
TMS
I/S
Test Mode Select (JTAG). Used to control the test state machine. TMS has a 20 k
Ω internal pull-up
resistor.
TDI
I/S
Test Data Input (JTAG). Provides serial data for the boundary scan logic. TDI has a 20 k
Ω internal
pull-up resistor.
TDO
O
Test Data Output (JTAG). Serial scan output of the boundary scan path.
TRST
I/A
Test Reset (JTAG). Resets the test state machine.
TRST must be asserted (pulsed low) after power-
up or held low for proper operation of the ADSP-21061.
TRST has a 20 k
Ω internal pull-up resistor.
EMU
O
Emulation Status. Must be connected to the ADSP-21061 EZ-ICE target board connector only.
ICSA
O
Reserved, leave unconnected.
VDD
P
Power Supply; nominally +3.3 V dc for ADSP-21061L, +5.0 V dc for ADSP-21061.
GND
G
Power Supply Return.
NC
Do Not Connect. Reserved pins which must be left open and unconnected.


Podobny numer części - ADSP-21061KS-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21061KS-200 AD-ADSP-21061KS-200 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
More results

Podobny opis - ADSP-21061KS-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com