Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSA15320 Arkusz danych(PDF) 1 Page - celduc-relais

Numer części SSA15320
Szczegółowy opis  Support Interfaces E/S DIN rail adaptor for I/O modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CELDUC [celduc-relais]
Strona internetowa  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SSA15320 Arkusz danych(HTML) 1 Page - celduc-relais

  SSA15320 Datasheet HTML 1Page - celduc-relais SSA15320 Datasheet HTML 2Page - celduc-relais SSA15320 Datasheet HTML 3Page - celduc-relais SSA15320 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S/ACC/EBS01000/C/29/08/2003
page 1/4 F/GB
EBS01000
Support Interfaces E/S
DIN rail adaptor for I/O
modules
25
±0,2
31
46
±0,4
±0,4
60VDC
3A
celduc
France
input
5-30VDC
-
+
10306
XKD
+
-
+
-
+ S -
Caractéristiques : Vis fente ,utiliser tournevis lame 3,5/ slotted screw, use screwdriver blade 3,5
/Characteristics
couple de serrage/ Testing torque 0,5Nm, 0,6max
connexion: fil souple ou rigide/
connection: stranded or solid wire 2,5 mm2
Isolement E/S / Input-output isolation : 2500Vrms
celduc
Proud to serve you
All technical characteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
r
e
l
a
i
s
1
2
34
5
45
12
3
Coté charges pour module de sortie :
voyants, électros,...
Côté capteurs,appareillage pour
modules d'entrée.
Loads (lamps, waves,.... for output
modules
Sensors, ... for input modules
Isolation/Insulation
Côté Automate, PC
p. l.c , microcontrollor,....


Podobny numer części - SSA15320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bedford Opto Technology...
SSA150 BOT-SSA150 Datasheet
33Kb / 2P
   3 TIER 3mm LED ASSEMBLY
More results

Podobny opis - SSA15320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FIBOX Enclosing innovat...
4512190 FIBOX-4512190 Datasheet
35Kb / 1P
   DIN rail support
26.07.2023
logo
PHOENIX CONTACT
2750798 PHOENIX-2750798 Datasheet
99Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2752411 PHOENIX-2752411 Datasheet
93Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2723453 PHOENIX-2723453 Datasheet
86Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2751218 PHOENIX-2751218 Datasheet
87Kb / 5P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2721662 PHOENIX-2721662 Datasheet
87Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com