Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSAL6200 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części TSAL6200
Szczegółowy opis  GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL6200 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  TSAL6200 Datasheet HTML 1Page - Vishay Siliconix TSAL6200 Datasheet HTML 2Page - Vishay Siliconix TSAL6200 Datasheet HTML 3Page - Vishay Siliconix TSAL6200 Datasheet HTML 4Page - Vishay Siliconix TSAL6200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSAL6200
Vishay Telefunken
4 (5)
Rev. 6, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81010
890
940
0
0.25
0.5
0.75
1.0
1.25
l – Wavelength ( nm )
990
14291
IF = 100 mA
Figure 9. Relative Radiant Power vs. Wavelength
0.4
0.2
0
0.2
0.4
0.6
14329
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 10. Relative Radiant Intensity vs.
Angular Displacement
Dimensions in mm
96 12126


Podobny numer części - TSAL6200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSAL6200 VISHAY-TSAL6200 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.1, 04-Sep-08
TSAL6200 VISHAY-TSAL6200 Datasheet
103Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 2.2, 22-Jun-09
TSAL6200 VISHAY-TSAL6200 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.4, 13-Mar-14
TSAL6200 VISHAY-TSAL6200 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6200 VISHAY-TSAL6200 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Podobny opis - TSAL6200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSAL7600 VISHAY-TSAL7600 Datasheet
80Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL6100 VISHAY-TSAL6100 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 4, 20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Rev. 3, 20-May-99
TSFF5200 VISHAY-TSFF5200 Datasheet
87Kb / 6P
   High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Rev. 2, 29-Jun-99
logo
TEMIC Semiconductors
TSIL6400 TEMIC-TSIL6400 Datasheet
111Kb / 5P
   GaAs/GaAlAs IR Emitting Diodes in 첩 5 mm Package
logo
Vishay Siliconix
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com