Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSFF5200 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części TSFF5200
Szczegółowy opis  High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5200 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  TSFF5200 Datasheet HTML 1Page - Vishay Siliconix TSFF5200 Datasheet HTML 2Page - Vishay Siliconix TSFF5200 Datasheet HTML 3Page - Vishay Siliconix TSFF5200 Datasheet HTML 4Page - Vishay Siliconix TSFF5200 Datasheet HTML 5Page - Vishay Siliconix TSFF5200 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSFF5200
Vishay Telefunken
1 (6)
Rev. 2, 29-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81060
High Speed IR Emitting Diode in ø5 mm (T–1
¾)
Package
Description
TSFF5200 is a high speed infrared emitting diode in
GaAlAs on GaAlAs double hetero (DH) technology,
molded in a clear, untinted plastic package.
The new technology combines the high speed of DH–
GaAlAs with the efficiency of standard GaAlAs and the
low forward voltage of the standard GaAs technology.
Features
D High modulation bandwidth (35 MHz)
D Extra high radiant power and radiant intensity
D Low forward voltage
D Suitable for high pulse current operation
D Standard T–1¾ (ø 5 mm) package
D Angle of half intensity ϕ = ± 10°
D Peak wavelength lp = 870 nm
D High reliability
D Good spectral matching to Si photodetectors
94 8390
Applications
IInfrared video data transmission between Camcorder and TV set.
Free air data transmission systems with high modulation frequencies or
high data transmission rate requirements.
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
100
mA
Peak Forward Current
tp/T = 0.5, tp = 100 ms
IFM
300
mA
Surge Forward Current
tp = 100 ms
IFSM
1
A
Power Dissipation
PV
250
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
–25...+85
°C
Storage Temperature Range
Tstg
–25...+85
°C
Soldering Temperature
t
x 5sec, 2 mm from case
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
300
K/W


Podobny numer części - TSFF5200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 28-Nov-06
TSFF5210 VISHAY-TSFF5210 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Aug-08
TSFF5210 VISHAY-TSFF5210 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Podobny opis - TSFF5200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 5, 29-Jun-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 6, 20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL6100 VISHAY-TSAL6100 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 4, 20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL7600 VISHAY-TSAL7600 Datasheet
80Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com