Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SZP-5026Z Arkusz danych(PDF) 8 Page - SIRENZA MICRODEVICES

Numer części SZP-5026Z
Szczegółowy opis  4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIRENZA [SIRENZA MICRODEVICES]
Strona internetowa  
Logo SIRENZA - SIRENZA MICRODEVICES

SZP-5026Z Arkusz danych(HTML) 8 Page - SIRENZA MICRODEVICES

Back Button SZP-5026Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SZP-5026Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SZP-5026Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SZP-5026Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SZP-5026Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SZP-5026Z Datasheet HTML 9Page - SIRENZA MICRODEVICES SZP-5026Z Datasheet HTML 10Page - SIRENZA MICRODEVICES SZP-5026Z Datasheet HTML 11Page - SIRENZA MICRODEVICES SZP-5026Z Datasheet HTML 12Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8 of 14
Preliminary
EDS-105366 Rev C
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZP-5026Z
5.7GHz to 5.9GHz Application Circuit Data (VCC=VPC=5.0V, IQ=602mA)
Narrowband S11 - Input Return Loss
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.70
5.75
5.80
5.85
5.90
Frequency (GHz)
-40°C
25°C
85°C
Narrowband S12 - Reverse Isolation
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.70
5.75
5.80
5.85
5.90
Frequency (GHz)
-40°C
25°C
85°C
Narrowband S21 - Forward Gain
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
5.70
5.75
5.80
5.85
5.90
Frequency (GHz)
-40°C
25°C
85°C
Narrowband S22 - Output Return Loss
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.70
5.75
5.80
5.85
5.90
Frequency (GHz)
-40°C
25°C
85°C


Podobny numer części - SZP-5026Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
More results

Podobny opis - SZP-5026Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
SZA-5044Z RFMD-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
   0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com