Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SZP-5026Z-EVB1 Arkusz danych(PDF) 11 Page - SIRENZA MICRODEVICES

Numer części SZP-5026Z-EVB1
Szczegółowy opis  4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIRENZA [SIRENZA MICRODEVICES]
Strona internetowa  
Logo SIRENZA - SIRENZA MICRODEVICES

SZP-5026Z-EVB1 Arkusz danych(HTML) 11 Page - SIRENZA MICRODEVICES

Back Button SZP-5026Z-EVB1 Datasheet HTML 6Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 7Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 8Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 9Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 10Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 11Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 12Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 13Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 14Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 of 14
Preliminary
EDS-105366 Rev C
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZP-5026Z
Evaluation Board Schematic
5.15GHz to 5.35GHz Evaluation Board Schematic for V+= VCC=VPC=5.0V, IQ=563mA
Evaluation Board Layout and Bill of Materials
5.15GHz to 5.35GHz Evaluation Board Layout for V+= VCC=VPC=5.0V, IQ=563mA
R1
750 ohm
C4
0.1uF
RF
IN
VPC
@5.5GHz
Zo=18.1**
E=7.7°
SEE LAYOUT FOR RECOMMENDED INDUCTOR TAP POINT
3
1
4
SZP-5026
Bias
5
6
R4*
47K ohm
E=6.2°
Zo=13.6**
@5.5GHz
VDET
R2
0
C3
0.1uF
C1
1uF
V+
C7
5.6pF
OUT
RF
C2
1.8PF
C5
4.7 pF
C6
0.7pF
R3
2.8K ohm
RECOMMENDED LOAD RANGE IS 10K-100K OHMS.
* R4 SIMULATES EXTERNAL CIRCUIT LOADING TO GROUND.
MAY BE REMOVED IF VDET IS NOT USED
** TRANSMISSION LINE LENGTHS ARE MEASURED FROM OUTSIDE
EDGE OF DEVICE LEAD. DISTANCE TO THE SHUNT COMPONENTS ARE
MEASURED FROM THE MIDDLE EDGE OF THE COMPONENT; DISTANCE
TO SERIES COMPONENTS MEASURED FROM INSIDE EDGE OF LAND PAD.
@5.5GHz
Zo=21.8*
E=11.6°
E=17.3°
Zo=12.4**
@5.5GHz
@5.5GHz
Zo=18.1**
E=13.2°
@5.5GHz
Zo=50**
E=54.5°
E=20.0°
Zo=12.4**
@5.5GHz
E=50.1°
Zo=50**
@5.5GHz
5.6 nH
C1
C2
C3
C4
R2
C7
C5
R1
L1
C
0 OHM, 0603
DESCRIPTION
0.1uF CAP, 0603
750 OHM, 0603 1%
1uF 16V MLCC CAP
C1
C3,4
R2
Q1
R1
DESG
C2
1.8pF CAP, 0603
C6
0.7pF CAP, 0603
4.7pF CAP, 0603
C5
L1
5.6nH IND, 0805
SZP-5026Z
R3
2.80K OHM, 0603 1%
R4
47K OHM, 0603
SOF-26
NOTES
0402 may be used
Coilcraft 0805HQ-5N6XJBB
"
"
"
Tantalum ok for EVM performance.
Use MLCC type for best IM3 levels.
ROHM MCH185A1R8DK or equiv.
NPO
ROHM MCH184CN105K or equiv.
NPO, 0402 ok
ATC 600S4R7CW250 or equiv.
NPO, low ESR
ATC 600S0R7CW250 or equiv.
NPO, low ESR
R4
C7
5.6pF CAP, 0603
ATC 600S5R6CW250 or equiv.
NPO, low ESR
PCB NOTES: Do not use less than the recommended
number of via holes under the device ground paddle.
RF Layers thicker than 0.020 inches(0.5mm) not recommended.
V+
GND
VDET
SMDI
125709
VPC
RF IN


Podobny numer części - SZP-5026Z-EVB1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
More results

Podobny opis - SZP-5026Z-EVB1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
SZA-5044Z RFMD-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
   0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com