Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDD15-03S2 Arkusz danych(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Numer części TDD15-03S2
Szczegółowy opis  DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Strona internetowa  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD15-03S2 Arkusz danych(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD15-03S2 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD15-03S2 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD15-03S2 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD15-03S2 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.chinfa.com
TDD15 SERIES
DC - DC CONVERTER
12 ~ 15W SINGLE & DUAL OUTPUT
FEATURES
LOW COST
2:1 WIDE INPUT RANGE
I/O ISOLATION
INPUT Pi FILTER
SHORT CIRCUIT PROTECTION
HIGH PERFORMANCE
2 YEARS WARRANTY
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
12 VDC
15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
TDD15 - 03S2
TDD15 - 05S2
TDD15 - 12S2
TDD15 - 15S2
TDD15 - 03S3
TDD15 - 05S3
TDD15 - 12S3
TDD15 - 15S3
18~36 VDC
18~36 VDC
18~36 VDC
18~36 VDC
35~75 VDC
35~75 VDC
35~75 VDC
35~75 VDC
12 WATTS
15 WATTS
15 WATTS
15 WATTS
12 WATTS
15 WATTS
15 WATTS
15 WATTS
3600 mA
3000 mA
1250 mA
1000 mA
3600 mA
3000 mA
1250 mA
1000 mA
EFF.
(typ.)
79%
81%
82%
85%
80%
82%
86%
87%
77%
79%
80%
83%
78%
80%
84%
85%
Dual Output Models
TDD15 - 12D2
TDD15 - 15D2
TDD15 - 12D3
TDD15 - 15D3
18~36 VDC
18~36 VDC
35~75 VDC
35~75 VDC
15 WATTS
15 WATTS
15 WATTS
15 WATTS
12 VDC
15 VDC
630 mA
500 mA
630 mA
500 mA
83%
84%
84%
85%
81%
82%
82%
83%
sales@chinfa.com
Single Output Models
2007.08.30


Podobny numer części - TDD15-03S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chinfa Electronics Ind....
TDD15-03S2 CHINFA-TDD15-03S2 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results

Podobny opis - TDD15-03S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chinfa Electronics Ind....
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15 CHINFA-WDD15_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R305 DELTA-S24SE3R305 Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com