Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDD25-12S2 Arkusz danych(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Numer części TDD25-12S2
Szczegółowy opis  DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Strona internetowa  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD25-12S2 Arkusz danych(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD25-12S2 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD25-12S2 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD25-12S2 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD25-12S2 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.chinfa.com
TDD25 SERIES
DC - DC CONVERTER
23 ~ 25W SINGLE & DUAL OUTPUT
FEATURES
LOW COST
2:1 & 3:1 WIDE INPUT RANGE
I/O ISOLATION
INPUT Pi FILTER
SHORT CIRCUIT PROTECTION
HIGH PERFORMANCE
2 YEARS WARRANTY
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
12 VDC
15 VDC
12 VDC
15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
Single Output Models
Dual Output Models
TDD25 - 03S2
TDD25 - 05S2
TDD25 - 12S2
TDD25 - 15S2
TDD25 - 03S3
TDD25 - 05S3
TDD25 - 12S3
TDD25 - 15S3
18~60 VDC
18~60 VDC
18~60 VDC
18~60 VDC
35~75 VDC
35~75 VDC
35~75 VDC
35~75 VDC
23 WATTS
25 WATTS
24 WATTS
25 WATTS
23 WATTS
25 WATTS
24 WATTS
25 WATTS
7000 mA
5000 mA
2000 mA
1700 mA
7000 mA
5000 mA
2000 mA
1700 mA
78%
84%
84%
84%
78%
84%
84%
84%
TDD25 - 12D2
TDD25 - 15D2
TDD25 - 12D3
TDD25 - 15D3
18~60 VDC
18~60 VDC
35~75 VDC
35~75 VDC
25 WATTS
25 WATTS
25 WATTS
25 WATTS
1000 mA
850 mA
1000 mA
850 mA
84%
84%
84%
84%
sales@chinfa.com
2007.08.30


Podobny numer części - TDD25-12S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chinfa Electronics Ind....
TDD25-12S2 CHINFA-TDD25-12S2 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25-12S2 CHINFA-TDD25-12S2 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
More results

Podobny opis - TDD25-12S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2_10 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25 CHINFA-TDD25_14 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com