Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDD40-12D2 Arkusz danych(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Numer części TDD40-12D2
Szczegółowy opis  DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Strona internetowa  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD40-12D2 Arkusz danych(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD40-12D2 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD40-12D2 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD40-12D2 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD40-12D2 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
sales@chinfa.com
TDD40 SERIES
SINGLE & DUAL OUTPUT
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
50.8 x 76.2 x 24 mm 2 x 3 x 0.94 inches
Metal
175 g
PIN ASSIGNMENT
PIN NO.
SINGLE
Vi+
N. C.
Vi -
DERATING
2
mm [inch]
3
6
7
5
DUAL
Vi+
Vi -
Vo +
Vo +
com
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
Remote ON / OFF
ON: opened or 8 ~ 10VDC applied, reference to input GND
OFF: -0.3 ~ 2VDC applied, reference to input GND
CONTROL AND PROTECTION
GENERAL
8
9
10
ON / OFF
ON / OFF
Vo -
N. C.
N. C.
Vo -
Trim
Trim
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
60
100
-25
71
12V, 15V & dual
3.3V & 5V
BOTTOM VIEW
2
63.50 [2.50]
3
5
6
7
8
9
10
6.35 [0.25]
15.24 [0.60]
10.16 [0.40]
20.32 [0.80]
5.08 [0.20]
5.08 [0.20]
10.16 [0.40]
10.16 [0.40]
10.16 [0.40]
10.16 [0.40]
76.20 [3.00]
12.00 [0.47]
12.00 [0.47]
5.00 [0.20]
DIA 1.00 [0.04]
BURL AT 4 CORNER
www.chinfa.com
2007.08.30


Podobny numer części - TDD40-12D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chinfa Electronics Ind....
TDD40-12D2 CHINFA-TDD40-12D2 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-12D2 CHINFA-TDD40-12D2 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
More results

Podobny opis - TDD40-12D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chinfa Electronics Ind....
TDD40 CHINFA-TDD40_14 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2_10 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com