Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDD40-12D3 Arkusz danych(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Numer części TDD40-12D3
Szczegółowy opis  DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Strona internetowa  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD40-12D3 Arkusz danych(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD40-12D3 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD40-12D3 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD40-12D3 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD40-12D3 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.chinfa.com
TDD40 SERIES
DC - DC CONVERTER
33 ~ 42W SINGLE & DUAL OUTPUT
FEATURES
LOW COST
I/O ISOLATION
INPUT Pi FILTER
SHORT CIRCUIT PROTECTION
HIGH PERFORMANCE
2 YEARS WARRANTY
2:1 AND 3:1 WIDE INPUT RANGE
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
Single Output Models
Dual Output Models
18~60 VDC
18~60 VDC
18~60 VDC
18~60 VDC
35~75 VDC
35~75 VDC
35~75 VDC
35~75 VDC
18~60 VDC
18~60 VDC
35~75 VDC
35~75 VDC
40 WATTS
42 WATTS
40 WATTS
42 WATTS
84%
84%
84%
84%
TDD40 - 03S2
TDD40 - 05S2
TDD40 - 12S2
TDD40 - 15S2
TDD40 - 03S3
TDD40 - 05S3
TDD40 - 12S3
TDD40 - 15S3
TDD40 - 12D2
TDD40 - 15D2
TDD40 - 12D3
TDD40 - 15D3
33 WATTS
40 WATTS
42 WATTS
42 WATTS
33 WATTS
40 WATTS
42 WATTS
42 WATTS
76%
82%
85%
85%
76%
82%
85%
85%
sales@chinfa.com
12 VDC
15 VDC
12 VDC
15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
1700 mA
1400 mA
1700 mA
1400 mA
10000 mA
8000 mA
3500 mA
2800 mA
10000 mA
8000 mA
3500 mA
2800 mA
2007.08.30


Podobny numer części - TDD40-12D3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chinfa Electronics Ind....
TDD40-12D3 CHINFA-TDD40-12D3 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-12D3 CHINFA-TDD40-12D3 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
More results

Podobny opis - TDD40-12D3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chinfa Electronics Ind....
TDD40 CHINFA-TDD40_14 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2_10 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com