Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AME8755-AEY180280 Arkusz danych(PDF) 8 Page - AMETHERM Circuit Protection Thermistors

Numer części AME8755-AEY180280
Szczegółowy opis  High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMETHERM [AMETHERM Circuit Protection Thermistors]
Strona internetowa  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME8755-AEY180280 Arkusz danych(HTML) 8 Page - AMETHERM Circuit Protection Thermistors

Back Button AME8755-AEY180280 Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 10Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 11Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 12Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AME
8
High PSRR, Low Quiescent Current,
150mA Dual CMOS LDO
AME8755
Rev. A.01
n Electrical Specifications
V
IN = VOUT + 1V or 2.7V, whichever is higher, where VOUT is the higher one of VOUT1(nom) and VOUT2(nom) , IOUT = 1mA, VEN =
V
IN and COUT = 1µF(X7R), CIN = 1µF unless otherwise noted. Typical values are at TA = 25
oC.
Note 1. For V
OUT
2.15V, V
DROP=2.7V-V OUT
Note 2. (
V
OUT/
V
IN)*% / VOUT
Note 3. (
V
OUT/VOUT)*% /
I
OUT
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
2.7
5.5
V
Output Voltage Accuracy
VOUT
-2
2
%
Output Current
IOUT
150
mA
Quiescent Current
IQ
70
120
µA
3.00V ≦ VOUT ≦ 3.30V
250
350
2.50V ≦ VOUT ≦ 2.95V
300
450
2.20V ≦ VOUT ≦ 2.45V
350
550
VOUT ≦2.15V
Note 1
Output Voltage Line Regulation
(Note2)
REGLINE
-0.1
0.025
0.1
%/V
Output Voltage Load
Regulation (Note3)
REGLOAD
-0.005
0.0025
0.005 %/mA
Output Current Limit
ILIM
300
550
mA
Shutdown Current
ISHDN
0.1
1
µA
Power Supply Ripple Rejection
PSRR
70
dB
Enable High (enabled)
VEN(HI)
1.4
VIN
V
Enable Low (shutdown)
VEN(LO)
0
0.4
V
Enable Pin Current (enabled)
IEN
0.1
1
µA
TSHDN
160
TRS
140
VOUT+Vdrop< VIN < 5.5V, where VOUT
is the higher one of VOUT1(nom) and
VOUT2(nom)
mV
Test Conditions
VEN = VIN, IOUT = 0mA
Thermal Shutdown Temperature
Shutdown, temperature increasing
Dropout Voltage
VDROP
IOUT=150mA
VIN(min) < VIN < VIN(max)
f = 1kHz, IOUT = 1mA
VEN = 0V, VIN(min) < VIN < VIN(max)
ROUT = 1Ω
1mA < IOUT < 150mA
OC
Restore, temperature decreasing
VIN(min) < VIN < VIN(max)
VEN = VIN


Podobny numer części - AME8755-AEY180280

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Y AKM-AME8750AEEY1828Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Z AKM-AME8750AEEY1828Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Y AKM-AME8750BEEY1825Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Z AKM-AME8750BEEY1825Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
More results

Podobny opis - AME8755-AEY180280

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
   150 mA, High PSRR, Low Quiescent Current LDO
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com