Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA732ATTP101J330 Arkusz danych(PDF) 1 Page - KOA Speer Electronics, Inc.

Numer części LA732ATTP101J330
Szczegółowy opis  Thick Film Linear Positive Tempco Thermistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KOA [KOA Speer Electronics, Inc.]
Strona internetowa  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LA732ATTP101J330 Arkusz danych(HTML) 1 Page - KOA Speer Electronics, Inc.

  LA732ATTP101J330 Datasheet HTML 1Page - KOA Speer Electronics, Inc. LA732ATTP101J330 Datasheet HTML 2Page - KOA Speer Electronics, Inc. LA732ATTP101J330 Datasheet HTML 3Page - KOA Speer Electronics, Inc. LA732ATTP101J330 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS-250 R4
AHA 5/01/08
Thick Film Linear Positive
Tempco Thermistor
LA73 Type
I
Anti-leaching nickel barrier terminations
I
Twenty-five specifiable temperature characteristics
I
Products with lead-free terminations meet EU-RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
I
Marking: Black three-digit on orange
body color
1. Features
KOA SPEER ELECTRONICS, INC.
Part
1J (0603)
2A (0805)
2. Dimensions
Table 1
0.063±0.008
(1.6±0.2)
0.079±0.008
(2.0±0.2)
2B (1206)
0.126±0.008
(3.2±0.2)
LWc
d
t
Dimensions - inches (mm)
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
0.031±0.004
(0.8±0.1)
0.049±0.004
(1.25±0.1)
0.063±0.008
(1.6±0.2)
0.012±0.004
(0.3±0.1)
0.016±0.008
(0.4±0.2)
0.02±0.008
(0.5±0.3)
0.012±0.004
(0.3±0.1)
0.02±0.004
(0.5±0.1)
0.02±0.004
(0.5±0.1)
0.024±0.004
(0.6±0.1)
0.012±... ..
(0.3±
)
+0.2
-0.1
+0.008
-0.004
0.016±... ..
(0.4±
)
+0.2
-0.1
+0.008
-0.004
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
S p e c i f i c a t i o n s g i v e n h e r e i n m a y b e c h a n g e d a t a n y t i m e w i t h o u t p r i o r n o t i c e . P l e a s e c o n f i r m t e c h n i c a l s p e c i fi c a t i o n s b e f o r e y o u o r d e r a n d /o r u s e .
PAGE 1 OF 4
3. Type Designation
The type designation shall be in the following form:
Tolerance
Resistance
Value
J: ±5%
2 significant
figures + 1
multiplier
J
101
T.C.R.
3300
Packaging
TP: 7" Embossed Plastic
2mm pitch
TD: 7" paper
(5,000 pieces/reel)
TD
Termination
Material
T: Sn
(Other termination
styles available,
contact factory
for options)
T
LA73
Type
Size Code
1J: 0603
2A: 0805
2B: 1206
1J
CERTIFIED
CERTIFIED


Podobny numer części - LA732ATTP101J330

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
LA732ATTD101J330 KOA-LA732ATTD101J330 Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
LA732ATTD101J3300 KOA-LA732ATTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
More results

Podobny opis - LA732ATTP101J330

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
PT722AT KOA-PT722AT Datasheet
74Kb / 4P
   Positive Tempco Thermistor
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
NT731JT KOA-NT731JT Datasheet
78Kb / 4P
   Negative Tempco Thermistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com