Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54AC16652WD Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części 54AC16652WD
Szczegółowy opis  16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

54AC16652WD Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button 54AC16652WD Datasheet HTML 2Page - Texas Instruments 54AC16652WD Datasheet HTML 3Page - Texas Instruments 54AC16652WD Datasheet HTML 4Page - Texas Instruments 54AC16652WD Datasheet HTML 5Page - Texas Instruments 54AC16652WD Datasheet HTML 6Page - Texas Instruments 54AC16652WD Datasheet HTML 7Page - Texas Instruments 54AC16652WD Datasheet HTML 8Page - Texas Instruments 54AC16652WD Datasheet HTML 9Page - Texas Instruments 54AC16652WD Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
54AC16652, 74AC16652
16-BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS242A – MARCH 1990 – REVISED APRIL 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
54AC16652
74AC16652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
55
55
55
MHz
tPLH
AorB
BorA
3.6
10.4
13.7
3.6
17.1
3.6
15.6
ns
tPHL
A or B
B or A
4.1
10.9
14.3
4.1
16.3
4.1
15.4
ns
tPLH
CLKBA or CLKAB
AorB
5.1
13.6
17.3
5.1
21.2
5.1
19.5
ns
tPHL
CLKBA or CLKAB
A or B
5.4
13.5
17.2
5.4
19.9
5.4
18.8
ns
tPLH
SBA or SAB
AorB
5.8
15.0
18.7
5.8
23.3
5.8
21.4
ns
tPHL
(with A or B high)
A or B
5.4
13.1
16.7
5.4
19.1
5.4
18.1
ns
tPLH
SBA or SAB
AorB
4.2
11.8
15.2
4.2
18.9
4.2
17.4
ns
tPHL
(with A or B low)
A or B
5.9
14.4
18.3
5.9
21.7
5.9
20.3
ns
tPZH
OEBA
A
4.2
11.8
15.1
4.2
18.8
4.2
17.2
ns
tPZL
OEBA
A
6
16.2
20.6
6
25.3
6
23.5
ns
tPHZ
OEBA
A
4.6
8.1
10
4.6
10.9
4.6
10.6
ns
tPLZ
OEBA
A
4.4
7.6
9.6
4.4
10.6
4.4
10.3
ns
tPZH
OEAB
B
4.1
11.5
14.6
4.1
18.1
4.1
16.6
ns
tPZL
OEAB
B
6
16.0
20
6
24.6
6
22.7
ns
tPHZ
OEAB
B
4.3
7.2
9
4.3
9.7
4.3
9.5
ns
tPLZ
OEAB
B
3.9
6.7
8.6
3.9
9.2
3.9
9.1
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
54AC16652
74AC16652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
95
95
95
MHz
tPLH
AorB
BorA
2.7
6.1
8.8
2.7
10.7
2.7
9.9
ns
tPHL
A or B
B or A
3
6.3
9.2
3
10.8
3
10.2
ns
tPLH
CLKBA or CLKAB
AorB
3.9
7.8
10.9
3.9
13.3
3.9
12.2
ns
tPHL
CLKBA or CLKAB
A or B
4.2
7.8
11.1
4.2
13.2
4.2
12.3
ns
tPLH
SBA or SAB
AorB
4.5
8.8
12.1
4.5
15
4.5
13.8
ns
tPHL
(with A or B high)
A or B
4.1
7.7
11
4.1
12.9
4.1
12.1
ns
tPLH
SBA or SAB
AorB
3.1
6.7
9.7
3.1
11.9
3.1
11
ns
tPHL
(with A or B low)
A or B
4.6
8.8
12.2
4.6
14.9
4.6
13.8
ns
tPZH
OEBA
A
3.1
6.7
9.5
3.1
11.6
3.1
10.7
ns
tPZL
OEBA
A
4.5
8.3
11.8
4.5
14.4
4.5
13.2
ns
tPHZ
OEBA
A
4.6
6.5
8.3
4.6
9
4.6
8.8
ns
tPLZ
OEBA
A
4.1
6.1
8.1
4.1
9.1
4.1
8.7
ns
tPZH
OEAB
B
3.1
6.6
9.3
3.1
11.3
3.1
10.5
ns
tPZL
OEAB
B
4.6
8.2
11.6
4.6
14.1
4.6
13
ns
tPHZ
OEAB
B
4.2
5.9
7.7
4.2
8.3
4.2
8
ns
tPLZ
OEAB
B
3.7
5.5
7.4
3.7
8.3
3.7
7.8
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - 54AC16652WD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
54AC16652 TI-54AC16652 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Podobny opis - 54AC16652WD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_08 Datasheet
409Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74AC16646 TI1-74AC16646 Datasheet
218Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI1-54ACT16646_08 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com