Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2LC106J Arkusz danych(PDF) 3 Page - KOA Speer Electronics, Inc.

Numer części GS2LC106J
Szczegółowy opis  high voltage high resistance thick film resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KOA [KOA Speer Electronics, Inc.]
Strona internetowa  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

GS2LC106J Arkusz danych(HTML) 3 Page - KOA Speer Electronics, Inc.

  GS2LC106J Datasheet HTML 1Page - KOA Speer Electronics, Inc. GS2LC106J Datasheet HTML 2Page - KOA Speer Electronics, Inc. GS2LC106J Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
118
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/02/06
GS
high voltage high resistance thick film resistors
Resistance
T.C.R.
25°C
+25°C/125°C
Within regulated tolerance
Within specified T.C.R.
Performance Characteristics
Parameter
Requirement
∆ R ±%
Test Method
Overload (Short time)
Rated voltage x 2.5 (GS1/4, GS1/2), rated voltage x 2 (GS1-GS12)
or Max. overload voltage, whichever is lower for 5 seconds
2: TCR 200x10-6/K
0.5: TCR 100x10-6/K
Resistance to Solder Heat
350°C ± 10°C, 3 seconds ± 0.5 seconds or 260°C ± 5°C,
10 seconds ± 1 second
2: TCR 200x10-6/K
0.5: TCR 100x10-6/K
Moisture Resistance
40°C, 90% - 95%RH, 1000h
5: TCR 200x10-6/K
2: TCR 100x10-6/K
Endurance @ 25°C
25°C, 1000 hours
1.5 hr ON/0.5 hr OFF cycle
3: TCR 200x10-6/K
2: TCR 100x10-6/K
Voltage Coefficient
GS1/4, 1/2 only, Rated voltage or max. working voltage,
whichever is lower and 1/10 of its voltage
±50x10-6/V: TCR 200x10-6/K
±10x10-6/V: TCR 100x10-6/K
environmental applications
Rapid Change of Temperature
-55°C (30 minutes)/ +125°C (30 minutes), 5 cycles
2: TCR 200x10-6/K
0.5: TCR 100x10-6/K
Voltage Characteristics
GS1 - 12, Rated voltage or max. working voltage,
whichever is lower and 1/10 of its voltage
5: TCR 200x10-6/K
3: TCR 100x10-6/K
Resistance tp Solvent
Soaking in IPA for 1 minute and brushing 10 times -3 cycles -
liquid temperature 25°C ±5°C
No evidence of damage to protective
coating and marking
Impulse Withstand Voltage
An impulse voltage shall be applied 5 times at an interval of 1 minute
No abnormality in appearance
and flash-over
1733 Reader's Spreads pg1-203:document
1/27/09
4:09 PM
Page 116


Podobny numer części - GS2LC106J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
GS2LC106J KOA-GS2LC106J Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
More results

Podobny opis - GS2LC106J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
GS12LC106J KOA-GS12LC106J Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
logo
Riedon Powertron
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
CHS0402 RIEDON-CHS0402 Datasheet
44Kb / 2P
   High Resistance Thick Film chip Resistors
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com